Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07XSC200 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 19Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 20Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 21Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 22Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 23Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 24Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 25Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 26Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
07XSC200
4.2.7
Chip Select (CSB)
The CSB pin enables communication with the master microcontroller (MCU). When this pin is in a logic [0] state, the device is
capable of transferring information to, and receiving information from, the MCU. The 07XSC200 latches in data from the Input
Shift registers to the addressed registers on the rising edge of CSB. The device transfers status information from the power output
to the Shift register on the falling edge of CSB. The SO output driver is enabled when CSB is logic [0]. CSB should transition from
a logic [1] to a logic [0] state only when SCLK is a logic [0]. CSB has an active internal pull-up from VDD, IUP.
4.2.8
Serial Clock (SCLK)
The SCLK pin clocks the internal shift registers of the 07XSC200 device. The serial input (SI) pin accepts data into the input shift
register on the falling edge of the SCLK signal while the serial output (SO) pin shifts data information out of the SO line driver on
the rising edge of the SCLK signal. It is important the SCLK pin be in a logic low state whenever CSB makes any transition. For
this reason, it is recommended the SCLK pin be in a logic [0] whenever the device is not accessed (CSB logic [1] state). SCLK
has an active internal pull-down. When CSB is logic [1], signals at the SCLK and SI pins are ignored and SO is tri-stated (high-
impedance) (see Figure 10, page 26). SCLK input has an active internal pull-down, IDWN.
4.2.9
Serial Input (SI)
This is a serial interface (SI) command data input pin. Each SI bit is read on the falling edge of SCLK. A 16-bit stream of serial
data is required on the SI pin, starting with D15 (MSB) to D0 (LSB). The internal registers of the 07XSC200 are configured and
controlled using a 5-bit addressing scheme described in Table 9, page 36. Register addressing and configuration are described
in Tables 10, page 36. SI input has an active internal pull-down, IDWN.
4.2.10 Digital Drain Voltage (VDD)
This pin is an external voltage input pin used to supply power to the SPI circuit. In the event VDD is lost (VDD Failure), the device
goes to Fail-safe mode.
4.2.11 Ground (GND)
These pins are the ground for the device.
4.2.12 Positive Power Supply (VPWR)
This pin connects to the positive power supply and is the source of operational power for the device. The VPWR contact is the
backside surface mount tab of the package.
4.2.13 Serial Output (SO)
The SO data pin is a tri-stateable output from the shift register. The SO pin remains in a high impedance state until the CSB pin
is put into a logic [0] state. The SO data is capable of reporting the status of the output, the device configuration, the state of the
key inputs, etc. The SO pin changes state on the rising edge of SCLK and reads out on the falling edge of SCLK. SO reporting
descriptions are provided in Table 22, page 42.
4.2.14 High Side Outputs (HS0, HS1)
Protected 7.0 m
 high side power outputs to the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com