Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07XSC200 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 22Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 23Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 24Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 25Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 26Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 27Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 28Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 29Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
07XSC200
5
Functional Device Operation
5.1
SPI Protocol Description
The SPI interface has a full duplex, three-wire synchronous data transfer with four I/O lines associated with it: Serial Input (SI),
Serial Output (SO), Serial Clock (SCLK), and Chip Select (CSB).
The SI/SO pins of the 07XSC200 follow a first-in first-out (D15 to D0) protocol, with both input and output words transferring the
most significant bit (MSB) first. All inputs are compatible with 5.0 or 3.3 V CMOS logic levels.
Figure 10. Single 16-Bit Word SPI Communication
5.2
Operational Modes
The 07XSC200 has four operating modes: Sleep, Normal, Fail-safe and Fault. Table 5 and Figure 12 summarize details
contained in succeeding paragraphs.
The Figure 11 describes an internal signal called IN_ON[x] depending on IN[x] input.
Figure 11. IN_ON[x] internal signal
The 07XSC200 transits to operating modes according to the following signals:
• wake-up = RSTB or WAKE or IN_ON[0] or IN_ON[1] or CLOCK_ON,
• fail = (VDD Failure and VDD_FAIL_en) or (Watchdog time-out and FSI input not shorted to ground),
• fault = OC[0:1] or OT[0:1] or SC[0:1] or UV or (OV and OV_dis).
CS
CSB
SI
SCLK
SO
D15
D1
D2
D3
D4
D5
D6
D7
D8
D9
D14
D13
D12
D11
D10
OD12
D0
OD13
OD14
OD15
OD6
OD7
OD8
OD9
OD10
OD11
OD1
OD2
OD3
OD4
OD5
1.
RSTB is in a logic H state during the above operation.
2.
DO, D1, D2, ... , and D15 relate to the most recent ordered entry of program data into the LUX IC
NOTES:
OD0
CSB
device.
1. RSTB is a logic [1] state during the above operation.
2. D15
:D0 relate to the most recent ordered entry of data into the device.
3. OD15
:OD0 relate to the first 16 bits of ordered fault and status data out of the device.
Notes
IN_ON[x]
IN[x]
tIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com