Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07XSC200 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 38Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 39Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 40Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 41Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 42Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 43Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 44Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 45Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
Analog Integrated Circuit Device Data
42
Freescale Semiconductor
07XSC200
5.4.4.1
Previous Address SOA4:SOA0=1A000 (STATR_s)
The returned data OD8 reports logic [1] in case of previous Power ON Reset condition (VSUPPLY(POR)). This bit is only reset by
a read operation.
Bits OD7:OD0 reflect the current state of the Fault register (FLTR) corresponding to the output previously selected with the bits
SOA3 = A (Table 22).
• OC_s: overcurrent fault detection for a selected output,
• SC_s: severe short-circuit fault detection for a selected output,
• OS_s: output shorted to VPWR fault detection for a selected output,
• OLOFF_s: OpenLoad in OFF state fault detection for a selected output,
Table 22. Serial Output Bit Map Description
Previous
STATR
SO Returned Data
S
O
A
4
S
O
A
3
S
O
A
2
S
O
A
1
S
O
A
0
OD
15
OD
14
OD
13
OD
12
OD
11
OD
10
O
D9
OD8 OD7 OD6
OD5
OD4
OD3
OD2
OD1
OD0
STATR
_s
1
A
0
0
0
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
POR
UV
OV
OLON
_s
OLOF
F_s
OS_s
OT_s
SC_s
OC_s
PWMR
_s
1
A
0
0
1
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
28W
_s
ON_
s
PWM
6_s
PWM
5_s
PWM
4_s
PWM3_s
PWM2_s
PWM1_s PWM0_s
CONF
R0_s
1
A
0
1
0
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
X
X
X
DIR_d
is_s
SR1_
s
SR0_s
DELAY2_s DELAY1
_s
DELAY0
_s
CONF
R1_s
1
A
0
1
1
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
X
X
Retry_
unlimit
ed_s
Retry_
dis_s
OS_di
s_s
OLON_dis
_s
OLOFF_dis
_s
OLLED_
en_s
CSNS_r
atio_s
OCR_s 1
A
1
0
0
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
Xeno
n_s
BC1
_s
BC0_
s
OC1_
s
OC0_
s
OCHI_s
OCLO1_s
OCLO0_
s
OC_mod
e_s
GCR
0
0
1
0
1
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
VDD
_FAI
L_e
n
PW
M_e
n
CLOC
K_sel
TEMP
_en
CSNS
_en
CSNS1
CSNS0
X
OV_dis
DIAGR
0
0
0
1
1
1
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
X
X
X
X
X
X
CLOCK_fail CAL_fail
OTW
DIAGR
1
0
1
1
1
1
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
X
X
X
X
IN1
IN0
X
X
WD_en
DIAGR
2
1
0
1
1
1
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
X
X
X
X
X
X0
1
0
Regist
er
state
after
RST=
0 or
VDD(F
AIL) or
VSUPP
LY(POR
)
conditi
on
N/
A
N/
A
N/
A
N/
A
N/
A
0
0
0
0
0
0
0
X
0
0
0
0
00
0
0
s=Output selection with the bit A as defined in Table 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com