Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07XSC200 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 16Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 17Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 18Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 19Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 20Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 21Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 22Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 23Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
07XSC200
Figure 6. Bulb Cooling Management
Figure 7. Input Timing Switching Characteristics
IOCH1
tBC5
tBC4
tBC2
tBC1
Previous OFF duration
(tOFF)
IOCH2
IOC1
IOC3
IOC4
IOCLO4
IOCLO3
IOC2
tBC3
tBC6
IOCLO2
IOCLO1
SI
RSTB
CSB
SCLK
Don’t Care
Don’t Care
Don’t Care
Valid
Valid
VIH
VIL
VIH
VIH
VIH
VIL
VIL
VIL
TwRSTB
Tlead
TwSCLKh
TrSI
Tlag
TSIsu
TwSCLKl
TSI(hold)
TfSI
0.7 VDD
0.2 VDD
0.7VDD
0.2VDD
0.2VDD
0.7VDD
0.7VDD
TCSB
TENBL
RSTB
SCLK
SI
CSB
10% VDD
tWRSTB
tENBL
10% VDD
tLEAD
tWSCLKH
tRSI
90% VDD
10% VDD
90% VDD
10% VDD
tSI(SU)
tWSCLKl
tSI(HOLD)
tFSI
90% VDD
t CSB
tLAG
VIH
VIH
VIL
VIL
VIH
VIL
VIH
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com