Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07XSC200 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 32Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 33Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 34Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 35Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 36Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 37Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 38Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 39Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
07XSC200
Table 9. SI Message Bit Assignment
Bit Sig
SI Msg Bit
Message Bit Description
MSB
D15
Watchdog in: toggled to satisfy watchdog requirements.
D13
Register address bit used in some cases for output selection (Table 11).
D14, D12
:D10
Register address bits.
D9
Not used (set to logic [0]).
LSB
D8:D0
Used to configure the inputs, outputs, and the device protection features and SO status content.
Table 10. Serial Input Address and Configuration Bit Map
SI
Register
SI Data
D15
D1
4
D1
3
D1
2
D1
1
D1
0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
STATR_
s
WDI
N
X
X
0
0
0
0
0
0
0
0
SOA4
SOA3
SOA2
SOA1
SOA0
PWMR_
s
WDI
N
1A
0
0
10 28W_s
ON_s
PWM6_s PWM5_s PWM4_s
PWM3_s
PWM2_s
PWM1_s PWM0_s
CONFR
0_s
WDI
N
1A
0
1
00
0
0
0
DIR_dis_
s
SR1_s
SR0_s
DELAY2_s DELAY1_
s
DELAY0_
s
CONFR
1_s
WDI
N
1
A
011
0
0
0
Retry_
unlimited_
s
Retry_dis
_s
OS_dis_s OLON_dis
_s
OLOFF_di
s_s
OLLED_e
n_s
CSNS_rati
o_s
OCR_s WDI
N
1
A
1
0
0
0 Xenon
_s
BC1_s
BC0_s
OC1_s
OC0_s
OCHI_s
OLCO1_s OLCO0_
s
OC_mode
_s
GCR
WDI
N
0
0
101
0
VDD_
FAIL_
en
PWM_en CLOCK_s
el
TEMP_en CSNS_e
n
CSNS1
CSNS0
X
OV_dis
CALR
WDI
N
0
0
111
0
1
0
1
0
1
1
0
1
1
Register
state
after
RST=0
or
VDD(FAIL)
or
VSUPPLY
(POR)
condition
00
0
X
X
X
0
0
0
0
0
0
0
0
0
0
x=Don’t care.
s=Output selection with the bit A as defined in Table 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com