Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07XSC200 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 23Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 24Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 25Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 26Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 27Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 28Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 29Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 30Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
07XSC200
Figure 12. Operating Modes
5.2.1
Sleep Mode
The 07XSC200 is in Sleep mode when:
•VPWR and VDD are within the normal voltage range,
• wake-up = 0,
• fail = X,
•fault = X.
This is the Default mode of the device after first applying battery voltage (VPWR) prior to any I/O transitions. This is also the state
of the device when the WAKE and RSTB, CLOCK_ON and IN_ON[0:1] are logic [0]. In the Sleep mode, the output and all unused
internal circuitry, such as the internal regulator, are off to minimize draw current. In addition, all SPI-configurable features of the
device are as if set to logic [0].
In the event of an external VPWR supply disconnect, an unexpected current consumption may sink on the VDD supply pin (In
Sleep state). This current leakage is about 70 mA instead of 5.0 µA and it may impact the device reliability. The device recovers
its normal operational mode once VPWR is reconnected.
Table 5. 07XSC200 Operating Modes
Mode
wake-up fail
fault
Comments
Sleep
0
x
x
Device is in Sleep mode. All outputs are OFF.
Normal
1
0
0
Device is currently in Normal mode. Watchdog
is active if enabled.
Fail-safe
1
1
0
Device is currently in Fail-safe mode due to
watchdog time-out or VDD Failure conditions.
The output states are defined with the RFS
resistor connected to FSI.
Fault
1
X
1
Device is currently in fault mode. The faulted
output(s) is (are) OFF. The safe auto-retry
circuitry is active to turn-on again the output(s).
x = Don’t care.
Sleep
(fail=0) and (wake-up=1) and (fault=0)
(wake-up=0)
Fail-safe
Normal
(wake-up=0)
(fail=1) and (wake-up=1) and (fault=0)
(fail=0) and (wake-up=1) and (fault=0)
(wake-up=1) and
(fail=1)
and (fault=0)
Fault
(wake-up=0)
(wake-up=1)
and (fault=1)
(fail=0)
and
(wake-up=1)
and (fault=1)
(fail=1) and
(wake-up=1)
and (fault=1)
(fail=0)
and
(wake-up=1)
and (fault=0)
(fail=1)
and
(wake-up=1)
and (fault=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com