Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8537 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 24Page - NXP Semiconductors PCF8537 Datasheet HTML 25Page - NXP Semiconductors PCF8537 Datasheet HTML 26Page - NXP Semiconductors PCF8537 Datasheet HTML 27Page - NXP Semiconductors PCF8537 Datasheet HTML 28Page - NXP Semiconductors PCF8537 Datasheet HTML 29Page - NXP Semiconductors PCF8537 Datasheet HTML 30Page - NXP Semiconductors PCF8537 Datasheet HTML 31Page - NXP Semiconductors PCF8537 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
28 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
8.4.4 Temperature measurement and temperature compensation of VLCD
8.4.4.1
Temperature readout
The PCF8537 has a built-in temperature sensor which provides an 8 bit digital value,
TD[7:0], of the ambient temperature. This value can be read through the interface (see
Figure 47 on page 56 and Figure 51 on page 59). The actual temperature is determined
from TD[7:0] using Equation 2:
(2)
The measurement needs about 5 ms to complete and is repeated periodically as soon as
bit TME is set logic 1 (see Table 9 on page 10). The time between measurements is linked
to the system clock and hence varies with changes in the chosen frame frequency, see
Table 25.
The temperature sensor can be thought of as analog to digital converter. Like all A/D
converters, jitter will exist on the LSB of the output value. This is also true of the
temperature sensor in the PCF8537. Jitter of the LSB of TD[7:0] may lead to contrast
(1) VPR[7:0] = 42h.
(2) VPR[7:0] = 85h.
(3) VPR[7:0] = C6h.
Tamb =30 C; VDD1 =VDD2 =5V.
Remark: For driving the charge pump safely the VLCD and IDD(LCD) values have to be kept below
the flat part of the respective graph.
b. Charge pump configuration: VLCD =3  VDD2
Fig 19. Charge pump driving capability with VDD2 =5.0 V
013aaa663
0
0.4
0.8
1.2
1.6
2
0
2
4
6
8
10
IDD(LCD) (mA)
VLCD
(V)
(3)
(2)
(1)
Table 25.
Temperature measurement update rate
Selected frame frequency
Temperature measurement update rate
60 Hz
3.3 s
200 Hz
1 s
300 Hz
0.67 s
T (°C)
0.9375
TD 7:0
 40
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com