Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8537 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 63Page - NXP Semiconductors PCF8537 Datasheet HTML 64Page - NXP Semiconductors PCF8537 Datasheet HTML 65Page - NXP Semiconductors PCF8537 Datasheet HTML 66Page - NXP Semiconductors PCF8537 Datasheet HTML 67Page - NXP Semiconductors PCF8537 Datasheet HTML 68Page - NXP Semiconductors PCF8537 Datasheet HTML 69Page - NXP Semiconductors PCF8537 Datasheet HTML 70Page - NXP Semiconductors PCF8537 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
67 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
13. Dynamic characteristics
[1]
Frequency present on OSCCLK with default display frequency division factor.
Table 37.
Dynamic characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 9.0 V; Tamb = 40 C to +85 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk(ext)
external clock frequency
450
-
14500
Hz
tclk(H)
clock HIGH time
external clock source used
33
-
-
s
tclk(L)
clock LOW time
33
-
-
s
fclk
clock frequency
on pin CLK; see Table 17
[1]
7800
9600
11040
Hz
tw(rst)L
LOW-level reset time
400
-
-
ns
Fig 58. Driver timing waveforms
Fig 59. RESET timing
013aaa296
CLK
tclk(H)
tclk(L)
1/fclk
0.7 VDD
0.3 VDD
013aaa665
RESET
tw(rst)L
0.3 VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com