Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8537 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 51Page - NXP Semiconductors PCF8537 Datasheet HTML 52Page - NXP Semiconductors PCF8537 Datasheet HTML 53Page - NXP Semiconductors PCF8537 Datasheet HTML 54Page - NXP Semiconductors PCF8537 Datasheet HTML 55Page - NXP Semiconductors PCF8537 Datasheet HTML 56Page - NXP Semiconductors PCF8537 Datasheet HTML 57Page - NXP Semiconductors PCF8537 Datasheet HTML 58Page - NXP Semiconductors PCF8537 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
55 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
9.2.6 Input filters
To enhance noise immunity in electrically adverse environments, RC low-pass filters are
provided on the SDA and SCL lines.
9.2.7 I2C-bus slave address
The device selection depends on the I2C-bus slave address.
Two different I2C-bus slave addresses can be used to address the PCF8537AH (see
Table 31).
Bit 1 of the slave address is defined by connecting the input A0 to either VSS (logic 0) or
VDD (logic 1). Therefore, two instances of PCF8537AH can be distinguished on the same
I2C-bus.
The least significant bit of the slave address byte is bit R/W (see Table 32).
[1]
Only used for temperature readout from PCF8537AH (see Table 20 on page 15).
9.2.8 I2C-bus protocol
The I2C-bus protocol is shown in Figure 46. The sequence is initiated with a START
condition (S) from the I2C-bus master which is followed by one of the two PCF8537AH
slave addresses available. All PCF8537AH’s with the corresponding A0 level
acknowledge in parallel to the slave address, but all PCF8537AH with an alternative A0
level ignore the whole I2C-bus transfer.
After acknowledgement, a control byte follows (see Section 9.1 on page 52).
Table 31.
I2C slave address byte
Slave address
Bit
7
6
5
4
3
2
1
0
MSB
LSB
011
100
A0
R/W
Table 32.
R/W bit description
Symbol
Value
Description
R/W
data read or write selection
0
write data
1
read data[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com