Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8537 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 5Page - NXP Semiconductors PCF8537 Datasheet HTML 6Page - NXP Semiconductors PCF8537 Datasheet HTML 7Page - NXP Semiconductors PCF8537 Datasheet HTML 8Page - NXP Semiconductors PCF8537 Datasheet HTML 9Page - NXP Semiconductors PCF8537 Datasheet HTML 10Page - NXP Semiconductors PCF8537 Datasheet HTML 11Page - NXP Semiconductors PCF8537 Datasheet HTML 12Page - NXP Semiconductors PCF8537 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
9 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
8.1.3.2
Internal oscillator
When the internal oscillator is used, it is possible to make the clock signal available on pin
CLK by using the Oscillator-ctrl command (see Table 7). If this is not intended, the pin
CLK should be left open. At power-on the signal at pin CLK is disabled and pin CLK is in
3-state.
If the internal charge pump is enabled, then the internal oscillator starts and is used to run
the charge pump. An external oscillator can still be applied for driving the display
waveforms.
The duty cycle of the output clock provided on the CLK pin is not always 50 : 50. Table 17
on page 13 shows the expected duty cycle for each of the chosen frame frequencies.
8.1.3.3
External clock
In applications where an external clock must be applied to the PCF8537, bit OSC (see
Table 7) must be set logic 1. In this case, pin CLK becomes an input.
The CLK signal is a signal that is fed into the VDD1 domain. Therefore it must have an
amplitude equal to the VDD1 voltage supplied to the chip and be referenced to VSS.
The clock frequency (fclk) determines the LCD frame frequency.
Remark: If an external clock is used then this clock signal must always be supplied to the
device. Removing the clock can freeze the LCD in a DC state. Removal of the clock is
possible when following the correct procedures (see Figure 11 on page 21 and Figure 12
on page 22).
8.1.4 Command: Charge-pump-ctrl
The Charge-pump-ctrl command enables or disables the internal VLCD generation and
controls the charge pump voltage multiplier setting.
[1]
Default value.
Table 8.
Charge-pump-ctrl - charge pump control command bit description
For further information, see Table 11 on page 11 and Section 8.4.3 on page 26.
Bit
Symbol
Binary value
Description
7 to 2
-
110000
fixed value
1CPE
charge pump switch
0[1]
charge pump disabled;
no internal VLCD generation;
external supply of VLCD
1
charge pump enabled
0CPC
charge pump voltage multiplier setting
0[1]
VLCD = 2  VDD2
1VLCD = 3  VDD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com