Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8537 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 59Page - NXP Semiconductors PCF8537 Datasheet HTML 60Page - NXP Semiconductors PCF8537 Datasheet HTML 61Page - NXP Semiconductors PCF8537 Datasheet HTML 62Page - NXP Semiconductors PCF8537 Datasheet HTML 63Page - NXP Semiconductors PCF8537 Datasheet HTML 64Page - NXP Semiconductors PCF8537 Datasheet HTML 65Page - NXP Semiconductors PCF8537 Datasheet HTML 66Page - NXP Semiconductors PCF8537 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
63 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
[1]
When supplying external VLCD it must be VLCD  VDD2. Also when using the internal charge pump to generate a certain VLCD, VPR[7:0]
must be set to a value that the voltage is higher than VDD2 (see Section 8.4.2).
[2]
Calibrated at testing stage. VLCD temperature compensation is disabled.
[3]
Tested on sample basis.
[4]
If VDD1 < VPOR a reset occurs.
[5]
Variation between any 2 backplanes on a given voltage level; static measured.
[6]
Variation between any 2 segments on a given voltage level; static measured.
[7]
Outputs measured one at a time.
IOL
LOW-level output current
output sink current;
VOL =0.4 V;
VDD =5V;
on pin CLK
1-
-
mA
VPOR
power-on reset voltage
[4] --
1.6
V
IL
leakage current
Vi =VDD or VSS;
on pins CLK and A0
1-
+1
A
I2C- and SPI-bus lines; pins SDA, SCL and SDIO
VI
input voltage
pins SDA, SCL
VSS  0.5 -
5.5
V
pin SDIO
VSS  0.5 -
VDD + 0.5 V
VIL
LOW-level input voltage
pins SDA, SCL, and SDIO
-
-
0.3VDD
V
VIH
HIGH-level input voltage
pins SDA, SCL, and SDIO
0.7VDD
--
V
VO
output voltage
pins SDA and SCL
0.5
-
5.5
V
SDIO
0.5
-
VDD + 0.5 V
IOL
LOW-level output current
VOL =0.4 V;
VDD =5V;
on pin SDA and SDIO
3-
-
mA
IOH
HIGH-level output current
VOH =4.6 V;
VDD =5V;
on pin SDIO
3-
-
mA
IL
leakage current
VI =VDD or VSS
1-
+1
A
LCD outputs
V
O
output voltage variation
on pins BP0 to BP7
[5]
15
-
+15
mV
on pins S0 to S45
[6]
15
-
+15
mV
RO
output resistance
VLCD = 7 V;
on pins BP0 to BP7
[7] 0.3
0.8
1.5
k
VLCD = 7 V;
on pins S0 to S45
[7] 0.6
1.5
3
k
Table 36.
Static characteristics …continued
VDD1 = 1.8 V to 5.5 V; VDD2 = 2.5 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 9.0 V; Tamb = 40 C to +85 C; temperature
measurement enabled; 1:8 multiplex drive mode; 1⁄4 bias; LCD outputs are open circuit; RAM is all written with logic 1; inputs
at VSS or VDD; internal clock with maximum prescale factor; I2C-bus/SPI-bus inactive; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com