Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8537 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 44Page - NXP Semiconductors PCF8537 Datasheet HTML 45Page - NXP Semiconductors PCF8537 Datasheet HTML 46Page - NXP Semiconductors PCF8537 Datasheet HTML 47Page - NXP Semiconductors PCF8537 Datasheet HTML 48Page - NXP Semiconductors PCF8537 Datasheet HTML 49Page - NXP Semiconductors PCF8537 Datasheet HTML 50Page - NXP Semiconductors PCF8537 Datasheet HTML 51Page - NXP Semiconductors PCF8537 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
48 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
When bit IBS is set to bank 1 (see Table 18 on page 14), then data is stored in row 4 and
row 5.
8.8.4 RAM filling in 1:4 multiplex drive mode
In the 1:4 multiplex drive mode the eight transmitted data bits are placed in two
successive display RAM columns of four rows (see Figure 36). In order to fill the whole
four RAM rows 22 bytes need to be sent to the PCF8537.
When bit IBS is set to bank 1 (see Table 18 on page 14), then data is stored in rows 4 to
row 7.
8.8.5 RAM filling in 1:6 multiplex drive mode
In the 1:6 multiplex drive mode the RAM is organized in six rows and 46 columns. The
eight transmitted data bits are placed in such a way, that a column is filled up (see
Figure 37). The remaining bits are wrapped up into the next column. In order to fill the
whole RAM addresses 35 bytes need to be sent to the PCF8537, however the four least
significant bits of the 35th byte are discarded.
Fig 36. Display RAM filling order in 1:4 multiplex drive mode
0
1
2
34
56
7
39 40 41 42 43
b0
b1
b2
b3
b4
b5
b6
b7
0
MSB
LSB
1
2
3
transmitted data byte
b7
b6
b5
b4
b3
b2
b1
b0
display RAM columns/segment outputs (S)
columns
display RAM rows/
backplane outputs
(BP)
rows
013aaa649



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com