Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5381BSTZ-5 Datasheet(PDF) 30 Page - Analog Devices

Part # AD5381BSTZ-5
Description  40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5381BSTZ-5 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5381BSTZ-5 Datasheet HTML 26Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 27Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 28Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 29Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 30Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 31Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 32Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 33Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
AD5381
Data Sheet
Rev. D | Page 30 of 40
2-Byte Mode
Following initialization of 2-byte mode, the usercan update
channels sequentially. The device address byte is only required
once and the pointer address pointeris configured for auto-
increment or burst mode.
The user must begin with an addressbyte(R/W = 0), after
which the DAC acknowledges that it is preparedto receive
data by pulling SDA low. The addressbyteis followed by a
specific pointer byte (0xFF)that initiates the burst mode of
operation. The address pointer initializes to Channel 0, the data
following the pointer is loaded to Channel 0, and the address
pointer automatically incrementsto the next address.
The REG0 and REG1 bits in the data byte determinewhich
register will be updated. In this mode, following the initializa-
tion, only the two data bytes are required to updatea channel.
The channel addressautomatically increments fromAddress 0
to Channel 39 and then returns to the normal 3-bytemodeof
operation. This modeallows transmission of datato all
channels in one block and reduces the software overhead in
configuring all channels. A STOP condition at any time exits
this mode. Toggle mode is not supported in 2-byte mode.
Figure 33 shows a typical configuration.
PARALLEL INTERFACE
The SER/PAR pin must be tied low to enable the parallel
interface and disable the serial interfaces.Figure 7 shows the
timing diagram for a parallel write. The parallel interface is
controlled by the following pins.
CS Pin
Active low device select pin.
WR Pin
On the rising edge of WR, with CSlow, the addresseson Pin A5
to Pin A0 are latched; data present on the data bus is loaded into
the selected input registers.
REG0, REG1 Pins
The REG0 and REG1 pins determine the destination registerof
the data being written to the AD5381. See Table 10.
Pin A5 to Pin A0
Each of the 40 DAC channels can be individually addressed.
Pin DB11 to Pin DB0
The AD5381 accepts a straight 12-bit parallel word on DB11 to
DB0, where DB11 is the MSB and DB0 is the LSB.
1
0
1
0
1
AD1
AD0
R/W
A7 = 1
A6 = 1
A5 = 1
A4 = 1
A3 = 1
A2 = 1
A1 = 1
A0 = 1
START COND
BY MASTER
ADDRESS BYTE
POINTER BYTE
MOST SIGNIFICANT DATA BYTE
CHANNEL 0 DATA
LEAST SIGNIFICANT DATA BYTE
ACK BY
CONVERTER
MSB
ACK BY
CONVERTER
ACK BY
AD538x
ACK BY
AD538x
MOST SIGNIFICANT DATA BYTE
CHANNEL 1 DATA
LEAST SIGNIFICANT DATA BYTE
ACK BY
CONVERTER
ACK BY
CONVERTER
MOST SIGNIFICANT DATA BYTE
CHANNEL N DATA FOLLOWED BY STOP
LEAST SIGNIFICANT DATA BYTE
ACK BY
CONVERTER
ACK BY
CONVERTER
STOP
COND
BY
MASTER
REG1
REG0
MSB
LSB
MSB
LSB
REG1
REG0
MSB
LSB
MSB
LSB
REG1
REG0
MSB
LSB
MSB
LSB
SCL
SDA
SCL
SDA
SCL
SDA
SCL
SDA
Figure 33. 2-Byte, 12C Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com