Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5381BSTZ-5 Datasheet(PDF) 37 Page - Analog Devices

Part # AD5381BSTZ-5
Description  40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5381BSTZ-5 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD5381BSTZ-5 Datasheet HTML 32Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 33Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 34Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 35Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 36Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 37Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 38Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 39Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Data Sheet
AD5381
Rev. D | Page 37 of 40
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BED
TOP VIEW
(PINS DOWN)
1
25
26
51
50
75
76
100
0.50
BSC
LEAD PITCH
0.27
0.22
0.17
1.60 MAX
0.75
0.60
0.45
VIEW A
PIN 1
1.45
1.40
1.35
0.15
0.05
0.20
0.09
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
14.20
14.00 SQ
13.80
16.20
16.00 SQ
15.80
Figure 45. 100-Lead Low Profile Quad Flat Package [LQFP]
(ST-100-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Resolution
Temperature
Range
AVDD Range
Output
Channels
Linearity
Error (LSB)
Package
Description
Package
Option
AD5381BSTZ-3
12 Bits
–40°C to +85°C
2.7 V to 3.6 V
40
±1
100-Lead LQFP
ST-100-1
AD5381BSTZ-3-REEL
12 Bits
–40°C to +85°C
2.7 V to 3.6 V
40
±1
100-Lead LQFP
ST-100-1
AD5381BSTZ-5
12 Bits
–40°C to +85°C
4.5 V to 5.5 V
40
±1
100-Lead LQFP
ST-100-1
AD5381BSTZ-5-REEL
12 Bits
–40°C to +85°C
4.5 V to 5.5 V
40
±1
100-Lead LQFP
ST-100-1
EVAL-AD5380EBZ
Evaluation Kit
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com