Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC10LF322T-EMCSQTP Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC10LF322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-EMCSQTP Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC10LF322T-EMCSQTP Datasheet HTML 21Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 22Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 23Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 24Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 25Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 26Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 27Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 28Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 25
PIC10(L)F320/322
3.5
Device ID and Revision ID
The memory location 2006h is where the Device ID and
Revision ID are stored. The upper nine bits hold the
Device ID. The lower five bits hold the Revision ID. See
Section 9.4 “User ID, Device ID and Configuration
Word Access”
for more information on accessing
these memory locations.
Development tools, such as device programmers and
debuggers, may be used to read the Device ID and
Revision ID.
REGISTER 3-2:
DEVICEID: DEVICE ID REGISTER(1)
RR
RRRR
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
bit 13
bit 8
RRRR
RRRR
DEV2
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
bit 7
bit 0
Legend:
U = Unimplemented bit, read as ‘0’
R = Readable bit
W = Writable bit
‘0’ = Bit is cleared
-n = Value at POR
‘1’ = Bit is set
x = Bit is unknown
bit 13-5
DEV<8:0>:
Device ID bits
bit 4-0
REV<4:0>:
Revision ID bits
These bits are used to identify the revision.
Note
1:
This location cannot be written.
Device
DEVICEID<13:0> Values
DEV<8:0>
REV<4:0>
PIC10F320
10 1001 101
x xxxx
PIC10LF320
10 1001 111
x xxxx
PIC10F322
10 1001 100
x xxxx
PIC10LF322
10 1001 110
x xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com