| Electronic Components Datasheet Search |
|
PIC10LF322T-EMCSQTP Datasheet(PDF) 75 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10LF322T-EMCSQTP Datasheet(HTML) 75 Page - Microchip Technology |
|
75 / 210 page ![]() 2011 Microchip Technology Inc. Preliminary DS41585A-page 75 PIC10(L)F320/322 10.0 I/O PORT Depending on which peripherals are enabled, some or all of the pins may not be available as general purpose I/O. In general, when a peripheral is enabled on a port pin, that pin cannot be used as a general purpose output. However, the pin can still be read. PORTA has three standard registers for its operation. These registers are: • TRISA register (data direction) • PORTA register (reads the levels on the pins of the device) • LATA register (output latch) Some ports may have one or more of the following additional registers. These registers are: • ANSELA (analog select) • WPUA (weak pull-up) The Data Latch (LATA register) is useful for read- modify-write operations on the value that the I/O pins are driving. A write operation to the LATA register has the same effect as a write to the corresponding PORTA register. A read of the LATA register reads of the values held in the I/O PORT latches, while a read of the PORTA register reads the actual I/O pin value. Ports that support analog inputs have an associated ANSELA register. When an ANSEL bit is set, the digital input buffer associated with that bit is disabled. Disabling the input buffer prevents analog signal levels on the pin between a logic high and low from causing excessive current in the logic input circuitry. A simplified model of a generic I/O port, without the interfaces to other peripherals, is shown in Figure 10-1. FIGURE 10-1: I/O PORT OPERATION EXAMPLE 10-1: INITIALIZING PORTA Q D CK Write LATA Data Register I/O pin Read PORTA Write PORTA TRISA Read LATA Data Bus To peripherals ANSELA VDD VSS ; This code example illustrates ; initializing the PORTA register. The ; other ports are initialized in the same ; manner. BANKSEL PORTA ;not required on devices with 1 Bank of SFRs CLRF PORTA ;Init PORTA BANKSEL LATA ;not required on devices with 1 Bank of SFRs CLRF LATA ; BANKSEL ANSELA ;not required on devices with 1 Bank of SFRs CLRF ANSELA ;digital I/O BANKSEL TRISA ;not required on devices with 1 Bank of SFRs MOVLW B'00000011' ;Set RA<1:0> as inputs MOVWF TRISA ;and set RA<2:3> as ;outputs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |