Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P030 Datasheet(PDF) 30 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 30 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 26Page - Microsemi Corporation A3P030 Datasheet HTML 27Page - Microsemi Corporation A3P030 Datasheet HTML 28Page - Microsemi Corporation A3P030 Datasheet HTML 29Page - Microsemi Corporation A3P030 Datasheet HTML 30Page - Microsemi Corporation A3P030 Datasheet HTML 31Page - Microsemi Corporation A3P030 Datasheet HTML 32Page - Microsemi Corporation A3P030 Datasheet HTML 33Page - Microsemi Corporation A3P030 Datasheet HTML 34Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 220 page
background image
ProASIC3 DC and Switching Characteristics
2-16
Revision 13
Figure 2-4 • Output Buffer Model and Delays (example)
tDP
(R)
PAD
VOL
tDP
(F)
Vtrip
Vtrip
VOH
VCC
D
50%
50%
VCC
0 V
DOUT
50%
50%
0 V
tDOUT
(R)
tDOUT
(F)
From Array
PAD
tDP
Std
Load
D
CLK
Q
I/O Interface
DOUT
D
tDOUT
tDP = MAX(tDP(R), tDP(F))
tDOUT = MAX(tDOUT(R), tDOUT(F))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com