Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P030 Datasheet(PDF) 47 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 47 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 43Page - Microsemi Corporation A3P030 Datasheet HTML 44Page - Microsemi Corporation A3P030 Datasheet HTML 45Page - Microsemi Corporation A3P030 Datasheet HTML 46Page - Microsemi Corporation A3P030 Datasheet HTML 47Page - Microsemi Corporation A3P030 Datasheet HTML 48Page - Microsemi Corporation A3P030 Datasheet HTML 49Page - Microsemi Corporation A3P030 Datasheet HTML 50Page - Microsemi Corporation A3P030 Datasheet HTML 51Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
2-33
Timing Characteristics
Table 2-41 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.66
7.66
0.04
1.02
0.43
7.80
6.59
2.65
2.61
10.03
8.82
ns
–1
0.56
6.51
0.04
0.86
0.36
6.63
5.60
2.25
2.22
8.54
7.51
ns
–2
0.49
5.72
0.03
0.76
0.32
5.82
4.92
1.98
1.95
7.49
6.59
ns
6 mA
Std.
0.66
4.91
0.04
1.02
0.43
5.00
4.07
2.99
3.20
7.23
6.31
ns
–1
0.56
4.17
0.04
0.86
0.36
4.25
3.46
2.54
2.73
6.15
5.36
ns
–2
0.49
3.66
0.03
0.76
0.32
3.73
3.04
2.23
2.39
5.40
4.71
ns
8 mA
Std.
0.66
4.91
0.04
1.02
0.43
5.00
4.07
2.99
3.20
7.23
6.31
ns
–1
0.56
4.17
0.04
0.86
0.36
4.25
3.46
2.54
2.73
6.15
5.36
ns
–2
0.49
3.66
0.03
0.76
0.32
3.73
3.04
2.23
2.39
5.40
4.71
ns
12 mA
Std.
0.66
3.53
0.04
1.02
0.43
3.60
2.82
3.21
3.58
5.83
5.06
ns
–1
0.56
3.00
0.04
0.86
0.36
3.06
2.40
2.73
3.05
4.96
4.30
ns
–2
0.49
2.64
0.03
0.76
0.32
2.69
2.11
2.40
2.68
4.36
3.78
ns
16 mA
Std.
0.66
3.33
0.04
1.02
0.43
3.39
2.56
3.26
3.68
5.63
4.80
ns
–1
0.56
2.83
0.04
0.86
0.36
2.89
2.18
2.77
3.13
4.79
4.08
ns
–2
0.49
2.49
0.03
0.76
0.32
2.53
1.91
2.44
2.75
4.20
3.58
ns
24 mA
Std.
0.66
3.08
0.04
1.02
0.43
3.13
2.12
3.32
4.06
5.37
4.35
ns
–1
0.56
2.62
0.04
0.86
0.36
2.66
1.80
2.83
3.45
4.57
3.70
ns
–2
0.49
2.30
0.03
0.76
0.32
2.34
1.58
2.48
3.03
4.01
3.25
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com