Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P030 Datasheet(PDF) 12 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 8Page - Microsemi Corporation A3P030 Datasheet HTML 9Page - Microsemi Corporation A3P030 Datasheet HTML 10Page - Microsemi Corporation A3P030 Datasheet HTML 11Page - Microsemi Corporation A3P030 Datasheet HTML 12Page - Microsemi Corporation A3P030 Datasheet HTML 13Page - Microsemi Corporation A3P030 Datasheet HTML 14Page - Microsemi Corporation A3P030 Datasheet HTML 15Page - Microsemi Corporation A3P030 Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 220 page
background image
ProASIC3 Device Family Overview
1-6
Revision 13
The inputs of the six CCC blocks are accessible from the FPGA core or from one of several inputs
located near the CCC that have dedicated connections to the CCC block.
The CCC block has these key features:
•
Wide input frequency range (fIN_CCC) = 1.5 MHz to 350 MHz
•
Output frequency range (fOUT_CCC) = 0.75 MHz to 350 MHz
•
Clock delay adjustment via programmable and fixed delays from –7.56 ns to +11.12 ns
•
2 programmable delay types for clock skew minimization
•
Clock frequency synthesis (for PLL only)
Additional CCC specifications:
•
Internal phase shift = 0°, 90°, 180°, and 270°. Output phase shift depends on the output divider
configuration (for PLL only).
•
Output duty cycle = 50% ± 1.5% or better (for PLL only)
•
Low output jitter: worst case < 2.5% × clock period peak-to-peak period jitter when single global
network used (for PLL only)
•
Maximum acquisition time = 300 µs (for PLL only)
•
Low power consumption of 5 mW
•
Exceptional tolerance to input period jitter— allowable input jitter is up to 1.5 ns (for PLL only)
•
Four precise phases; maximum misalignment between adjacent phases of 40 ps × (350 MHz /
fOUT_CCC) (for PLL only)
Global Clocking
ProASIC3 devices have extensive support for multiple clocking domains. In addition to the CCC and PLL
support described above, there is a comprehensive global clock distribution network.
Each VersaTile input and output port has access to nine VersaNets: six chip (main) and three quadrant
global networks. The VersaNets can be driven by the CCC or directly accessed from the core via
multiplexers (MUXes). The VersaNets can be used to distribute low-skew clock signals or for rapid
distribution of high fanout nets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com