Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P030 Datasheet(PDF) 68 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 68 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 64Page - Microsemi Corporation A3P030 Datasheet HTML 65Page - Microsemi Corporation A3P030 Datasheet HTML 66Page - Microsemi Corporation A3P030 Datasheet HTML 67Page - Microsemi Corporation A3P030 Datasheet HTML 68Page - Microsemi Corporation A3P030 Datasheet HTML 69Page - Microsemi Corporation A3P030 Datasheet HTML 70Page - Microsemi Corporation A3P030 Datasheet HTML 71Page - Microsemi Corporation A3P030 Datasheet HTML 72Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 220 page
background image
ProASIC3 DC and Switching Characteristics
2-54
Revision 13
Timing Characteristics
Table 2-70 • 1.8 V LVCMOS High Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.66
11.86
0.04
1.22
0.43
9.14
11.86
2.77
1.66
11.37
14.10
ns
–1
0.56
10.09
0.04
1.04
0.36
7.77
10.09
2.36
1.41
9.67
11.99
ns
–2
0.49
8.86
0.03
0.91
0.32
6.82
8.86
2.07
1.24
8.49
10.53
ns
4 mA
Std.
0.66
6.91
0.04
1.22
0.43
5.86
6.91
3.22
2.84
8.10
9.15
ns
–1
0.56
5.88
0.04
1.04
0.36
4.99
5.88
2.74
2.41
6.89
7.78
ns
–2
0.49
5.16
0.03
0.91
0.32
4.38
5.16
2.41
2.12
6.05
6.83
ns
6 mA
Std.
0.66
4.45
0.04
1.22
0.43
4.18
4.45
3.53
3.38
6.42
6.68
ns
–1
0.56
3.78
0.04
1.04
0.36
3.56
3.78
3.00
2.88
5.46
5.69
ns
–2
0.49
3.32
0.03
0.91
0.32
3.12
3.32
2.64
2.53
4.79
4.99
ns
8 mA
Std.
0.66
3.92
0.04
1.22
0.43
3.93
3.92
3.60
3.52
6.16
6.16
ns
–1
0.56
3.34
0.04
1.04
0.36
3.34
3.34
3.06
3.00
5.24
5.24
ns
–2
0.49
2.93
0.03
0.91
0.32
2.93
2.93
2.69
2.63
4.60
4.60
ns
12 mA
Std.
0.66
3.53
0.04
1.22
0.43
3.60
3.04
3.70
4.08
5.84
5.28
ns
–1
0.56
3.01
0.04
1.04
0.36
3.06
2.59
3.15
3.47
4.96
4.49
ns
–2
0.49
2.64
0.03
0.91
0.32
2.69
2.27
2.76
3.05
4.36
3.94
ns
16 mA
Std.
0.66
3.53
0.04
1.22
0.43
3.60
3.04
3.70
4.08
5.84
5.28
ns
–1
0.56
3.01
0.04
1.04
0.36
3.06
2.59
3.15
3.47
4.96
4.49
ns
–2
0.49
2.64
0.03
0.91
0.32
2.69
2.27
2.76
3.05
4.36
3.94
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com