Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P030 Datasheet(PDF) 16 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 12Page - Microsemi Corporation A3P030 Datasheet HTML 13Page - Microsemi Corporation A3P030 Datasheet HTML 14Page - Microsemi Corporation A3P030 Datasheet HTML 15Page - Microsemi Corporation A3P030 Datasheet HTML 16Page - Microsemi Corporation A3P030 Datasheet HTML 17Page - Microsemi Corporation A3P030 Datasheet HTML 18Page - Microsemi Corporation A3P030 Datasheet HTML 19Page - Microsemi Corporation A3P030 Datasheet HTML 20Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 220 page
background image
ProASIC3 DC and Switching Characteristics
2-2
Revision 13
Table 2-2 • Recommended Operating Conditions 1,2
Symbol
Parameters 1
Commercial
Industrial
Units
TA
Ambient temperature
0 to +70
-40 to +85
°C
TJ
Junction temperature
0 to 85
-40 to 100
°C
VCC3
1.5 V DC core supply voltage
1.425 to 1.575
1.425 to 1.575
V
VJTAG
JTAG DC voltage
1.4 to 3.6
1.4 to 3.6
V
VPUMP
Programming voltage
Programming Mode 4
3.15 to 3.45
3.15 to 3.45
V
Operation 5
0 to 3.6
0 to 3.6
V
VCCPLL
Analog power supply (PLL)
1.425 to 1.575
1.425 to 1.575
V
VCCI and VMV 6 1.5 V DC supply voltage
1.425 to 1.575
1.425 to 1.575
V
1.8 V DC supply voltage
1.7 to 1.9
1.7 to 1.9
V
2.5 V DC supply voltage
2.3 to 2.7
2.3 to 2.7
V
3.3 V DC supply voltage
3.0 to 3.6
3.0 to 3.6
V
3.3 V wide range DC supply voltage 7
2.7 to 3.6
2.7 to 3.6
V
LVDS/B-LVDS/M-LVDS differential I/O
2.375 to 2.625
2.375 to 2.625
V
LVPECL differential I/O
3.0 to 3.6
3.0 to 3.6
V
Notes:
1. All parameters representing voltages are measured with respect to GND unless otherwise specified.
2. To ensure targeted reliability standards are met across ambient and junction operating temperatures, Microsemi
recommends that the user follow best design practices using Microsemi’s timing and power simulation tools.
3. The ranges given here are for power supplies only. The recommended input voltage ranges specific to each I/O
standard are given in Table 2-18 on page 2-18.
4. The programming temperature range supported is Tambient = 0°C to 85°C.
5. VPUMP can be left floating during operation (not programming mode).
6. VMV and VCCI should be at the same voltage within a given I/O bank. VMV pins must be connected to the
corresponding VCCI pins. See the "VMVx I/O Supply Voltage (quiet)" section on page 3-1 for further information.
7. 3.3 V wide range is compliant to the JESD8-B specification and supports 3.0 V VCCI operation.
Table 2-3 • Flash Programming Limits – Retention, Storage and Operating Temperature1
Product
Grade
Programming
Cycles
Program Retention
(biased/unbiased)
Maximum Storage
Temperature TSTG (°C) 2
Maximum Operating
Junction Temperature TJ (°C) 2
Commercial
500
20 years
110
100
Industrial
500
20 years
110
100
Notes:
1. This is a stress rating only; functional operation at any condition other than those indicated is not implied.
2. These limits apply for program/data retention only. Refer to Table 2-1 on page 2-1 and Table 2-2 for device operating
conditions and absolute limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com