Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P030 Datasheet(PDF) 61 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 61 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 57Page - Microsemi Corporation A3P030 Datasheet HTML 58Page - Microsemi Corporation A3P030 Datasheet HTML 59Page - Microsemi Corporation A3P030 Datasheet HTML 60Page - Microsemi Corporation A3P030 Datasheet HTML 61Page - Microsemi Corporation A3P030 Datasheet HTML 62Page - Microsemi Corporation A3P030 Datasheet HTML 63Page - Microsemi Corporation A3P030 Datasheet HTML 64Page - Microsemi Corporation A3P030 Datasheet HTML 65Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
2-47
Table 2-58 • Minimum and Maximum DC Input and Output Levels
Applicable to Standard I/O Banks
2.5 V LVCMOS
VIL
VIH
VOL
VOH IOL IOH
IOSL
IOSH
IIL1 IIH2
Drive Strength
Min.
V
Max.,
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
Max.
mA3
Max.
mA3
µA4 µA4
2 mA
–0.3
0.7
1.7
3.6
0.7
1.7
2
2
16
18
10 10
4 mA
–0.3
0.7
1.7
3.6
0.7
1.7
4
4
16
18
10 10
6 mA
–0.3
0.7
1.7
3.6
0.7
1.7
6
6
32
37
10 10
8 mA
–0.3
0.7
1.7
3.6
0.7
1.7
8
8
32
37
10 10
Notes:
1. IIL is the input leakage current per I/O pin over recommended operation conditions where –0.3 V < VIN < VIL.
2. IIH is the input leakage current per I/O pin over recommended operating conditions VIH < VIN < VCCI. Input current is
larger when operating outside recommended ranges.
3. Currents are measured at high temperature (100°C junction temperature) and maximum voltage.
4. Currents are measured at 85°C junction temperature.
5. Software default selection highlighted in gray.
Figure 2-7 • AC Loading
Table 2-59 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
CLOAD (pF)
02.5
1.2
35
Note: *Measuring point = Vtrip. See Table 2-22 on page 2-21 for a complete table of trip points.
Test Point
Test Point
Enable Path
Datapath
35 pF
R = 1 k
R to VCCI for tLZ / tZL / tZLS
R to GND for tHZ / tZH / tZHS
35 pF for tZH / tZHS / tZL / tZLS
35 pF for tHZ / tLZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com