| Electronic Components Datasheet Search |
|
AM85C30 Datasheet(PDF) 22 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM85C30 Datasheet(HTML) 22 Page - Advanced Micro Devices |
|
22 / 194 page ![]() System Interface AMD 2–4 Table 2–1. Register Set Read Register Functions RR0 Transmit/Receive buffer status, and External status RR1 Special Receive Condition status, residue codes, error conditions RR2 Modified (Channel B only) interrupt vector and Unmodified interrupt vector (Channel A only) RR3 Interrupt Pending bits (Channel A only) *RR6 14-bit frame byte count (LSB) *RR7 14-bit frame byte count (MSB), frame status RR8 Receive buffer RR10 Miscellaneous XMTR, RCVR status parameters RR12 Lower byte of baud rate generator time constant RR13 Upper byte of baud rate generator time constant RR15 External/Status interrupt control information * Available only when Am85C30 is programmed in enhanced mode. Write Register Functions WR0 Command Register, (Register Pointers), CRC initialization, resets for various modes WR1 Interrupt conditions, Wait/DMA request control WR2 Interrupt vector (access through either channel) WR3 Receive/Control parameters, number of bits per character, Rx CRC enable WR4 Transmit/Receive miscellaneous parameters and codes, clock rate, number of sync characters, stop bits, parity WR5 Transmit parameters and control, number of Tx bits per character, Tx CRC enable WR6 Sync character (1st byte) or SDLC address WR7 SYNC character (2nd byte) or SDLC flag **WR7 ′ SDLC options; auto flag, RTS, EOM reset, extended read, etc. WR8 Transmit buffer WR9 Master interrupt control and reset (accessed through either channel), reset bits, control interrupt daisy chain WR10 Miscellaneous transmitter/receiver control bits, NRZI, NRZ, FM encoding, CRC reset WR11 Clock mode control, source of Rx and Tx clocks WR12 Lower byte of baud rate generator time constant WR13 Upper byte of baud rate generator time constant WR14 Miscellaneous control bits: baud rate generator, Phase-Locked Loop control, auto echo, local loopback WR15 External/Status interrupt control information-control external conditions causing interrupts ** Only available in Am85C30. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |