Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM85C30 Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 47Page - Advanced Micro Devices AM85C30 Datasheet HTML 48Page - Advanced Micro Devices AM85C30 Datasheet HTML 49Page - Advanced Micro Devices AM85C30 Datasheet HTML 50Page - Advanced Micro Devices AM85C30 Datasheet HTML 51Page - Advanced Micro Devices AM85C30 Datasheet HTML 52Page - Advanced Micro Devices AM85C30 Datasheet HTML 53Page - Advanced Micro Devices AM85C30 Datasheet HTML 54Page - Advanced Micro Devices AM85C30 Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 194 page
background image
I/O Programming Functional Description
AMD
3–20
3.3.9.4
DMA Request on Receive (Using W/REQ)
The DMA Request on Receive function using the
W/REQ pin is selected by programming
WR1 as shown below.
11
1?
??
??
D7
D6 D5
D4 D3
D2 D1
D0
WR1—DMA Request on Receive Using W/REQ
In this mode, the
W/REQ pin carries the DMA Request signal, which is active Low. When
this mode is selected, but not yet enabled, the
W/REQ pin is driven High. When the en-
able bit is set,
W/REQ will go Low if RR8 contains a character at the time, or will remain
High until a character enters RR8. Note that the
W/REQ pin will follow the state of RR8
even though the receiver is disabled. Thus, if the receiver is disabled but the DMA Re-
quest function is enabled, the DMA will transfer the previously received data correctly. In
this mode the
W/REQ pin directly follows the state of RR8 with only one exception. The
W/REQ pin goes Low when a character enters RR8 and remains Low until this character
is removed from the receive buffer. The SCC generates only one falling edge on
W/REQ
per character transfer requested and the timing for this is shown in Figure 3–10.
The one exception occurs in the case of a special receive condition in the Receive Inter-
rupt on First Character or Special Condition mode, or the Receive Interrupt on Special
Condition Only mode. In these two interrupt modes any receive character with a special
receive condition is locked at the top of the FIFO until an Error Reset command is issued.
This character in the receive FIFO would ordinarily cause additional DMA Requests after
the first time it is read. However, the logic in the SCC guarantees only one falling edge on
W/REQ by holding the W/REQ pin High from the time the character with the special re-
ceive condition is read, and the FIFO locked, until after the Error Reset command has
been issued. Once the FIFO is unlocked by the Error Reset Command,
W/REQ again
follows the state of the receive buffer.
W/REQ will go High in response to the falling edge
of
RD, but only when the receive buffer in the SCC is accessed. This is shown in Figure
3–11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com