| Electronic Components Datasheet Search |
|
AM85C30 Datasheet(PDF) 59 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM85C30 Datasheet(HTML) 59 Page - Advanced Micro Devices |
|
59 / 194 page ![]() Data Communication Modes Functional Description AMD 4–7 ter with the Special Condition is read from the Data FIFO. Because under these condi- tions the FIFO is locked, and prevented from being updated, the status pertinent to the character read will be valid until an Error Reset command is issued via WR0. 4.4.1 Rx Character Length The number of consecutive bits assembled in the Receive Shift Register that form a char- acter in all modes of operation is controlled by bits D7 and D6 of WR3. Five, six, seven, or eight bits per character may be selected via these two bits. The data plus parity bit (if enabled) received are right-justified in the receive buffer as shown in Figure 4–6. The SCC merely takes a snapshot of the receive data stream at the appropriate times, so the “unused” bits in the receive buffer are only the bits following the character in the data stream. Upper Byte Time Constant Lower Byte Time Constant 16-Bit Down Counter BR Generator Input +2 10 x 19-Bit Frame Status FIFO Receive Data FIFO Receive Error FIFO BR Generator Output Receive Error Logic Receive Shift Register (8 Bits) 14-Bit Counter 3 Bits Sync Register & Zero Delete Hunt Mode (Disync) CRC Delay Register (8 Bits) CRC Checker CRC Result Sync- CRC SDLC-CRC MUX NRZI Decode Internal TxD MUX 1 Bit RxD DPLL DPLL DPLL Output I/O Data Buffer CPU I/O Internal Data Bus To Transmi Section Figure 4–5. SCC Receiver |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |