Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM85C30 Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 58Page - Advanced Micro Devices AM85C30 Datasheet HTML 59Page - Advanced Micro Devices AM85C30 Datasheet HTML 60Page - Advanced Micro Devices AM85C30 Datasheet HTML 61Page - Advanced Micro Devices AM85C30 Datasheet HTML 62Page - Advanced Micro Devices AM85C30 Datasheet HTML 63Page - Advanced Micro Devices AM85C30 Datasheet HTML 64Page - Advanced Micro Devices AM85C30 Datasheet HTML 65Page - Advanced Micro Devices AM85C30 Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–10
WR7 Sync
Register
WR6 Sync
Register
Transmit Data
20-Bit Transmit
Shift Register
Start Bit
Transmit MUX
& 2-Bit Delay
Zero Insert
(5 Bits)
CRC
Generator
NRZI
Encode
Final
Tx MUX
TxD
Internal TxD
Transmit
Clock
To Other Channel
ASYNC
SYNC
SDLC
CRC-SDLC
Internal Data Bus
Figure 4–8. SCC Transmitter
Table 4–1. Data Format—Five Bits or Less
Bits
D7
D6
D5
D4
D3
D2
D1
D0
Transmitted
1111000
D0
1 bit
111000
D1
D0
2 bits
11000
D2
D1
D0
3 bits
1000
D3
D2
D1
D0
4 bits
0
0
0
D4
D3
D2
D1
D0
5 bits
The serial data stream sent by the transmitter for the six bits/character with parity case is
shown below in Figure 4–9. All the unused bits are ignored by the transmit logic except in
the case of five bits per character.
D0
P
D5
D4
D3
D2
D1
D0
P
Data Flow
Figure 4–9. Six Bits/Character with Parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com