| Electronic Components Datasheet Search |
|
AM85C30 Datasheet(PDF) 12 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM85C30 Datasheet(HTML) 12 Page - Advanced Micro Devices |
|
12 / 194 page ![]() General Information AMD 1–4 s Asynchronous capabilities: – 5, 6, 7, or 8 bits per character – 1, 1-1/2, or 2 stop bits – Odd or Even Parity – x1, 16, 32, or 64 clock modes – Break generation and detection – Parity, Overrun and Framing Error detection s Character-Oriented synchronous capabilities: – Internal or external character synchronization – 1 or 2 sync characters in separate registers – Automatic CRC generation/detection s SDLC/HLDC capabilities: – Abort sequence generation and checking – Automatic zero bit insertion and deletion – Automatic flag insertion between messages – Address field recognition – I-Field residue handling – CRC generation/detection – SDLC Loop mode with EOP recognition/loop entry and exit s Receiver data registers quadruply buffered. Transmitter data register doubly buffered s NRZ, NRZI, or FM encoding/decoding and Manchester decoding s Baud-rate generator in each channel s A DPLL in each channel for clock recovery s Crystal oscillator in each channel s Local Loopback and Auto Echo modes In addition, the Am85C30 provides enhancements which allow it to be used more effec- tively in high speed SDLC/HDLC applications. These enhancements include: – 10 x 19-bit SDLC/HDLC frame status FIFO – 14-bit SDLC/HDLC frame byte counter – Automatic SDLC/HDLC opening Flag transmission – Automatic SDLC/HDLC Tx Underrun/EOM Flag reset – Automatic SDLC/HDLC CRC generator preset – TxD forced High in SDLC NRZI mode when in mark idle – RTS synchronization to closing SDLC/HDLC Flag – DTR/REQ DMA request deactivation delay reduced – External PCLK to RTxC or TRxC synchronization requirement removed for one fourth PCLK operation – Reduced Interrupt response time – Reduced Read/Write access recovery time (Trc) to 3 PCLK best case (3 1/2 PCLK worst case) – Improved WAIT timing Other enhancements which make the Am85C30 more user friendly include: – Write data valid setup time to negative edge of write strobe requirement eliminated – Write Registers WR3, WR4, WR5, WR10 and WR7 ′ are readable – Complete reception of SDLC/HDLC CRC characters – Lower priority interrupt masking without INTACK generation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |