| Electronic Components Datasheet Search |
|
AM85C30 Datasheet(PDF) 31 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM85C30 Datasheet(HTML) 31 Page - Advanced Micro Devices |
|
31 / 194 page ![]() System Interface AMD 2–13 hardware reset to ensure that the FIFO is completely flushed before the new data can be received reliably. The SCC has three software resets encoded into command bits in WR9. There are two channel resets, which affect only one channel in the device and some of the bits in the write registers. The third command forces the same result as a hardware reset. As in the case of a hardware reset, the SCC stretches the reset signal an additional four to five PCLK cycles beyond the ordinary valid access recovery time. When the SCC is first pow- ered up, performing a read with the D/ C pin held Low will guarantee that the pointers are reset to ‘0’; then a reset command can be issued by selecting WR9 and writing to it. The bits in WR9 may be written at the same time as the reset command because these bits are affected only by a hardware reset. The reset values of the various registers are shown in Figure 2–4. 00 00 00 00 76 5 4 3 2 10 00 00 00 00 76 5 4 3 2 10 00 . 0 0. 00 00 . 0 0. 00 .. .. .. .. 0 0 1 1 0. . 0 00 0. 0. . 0 00 0. . 11 00 00 . . .. 0 00 00 00 00 0. . 0 00 00 00 00 10 00 . . 10 00 00 . . 10 00 . . 11 11 10 00 11 11 10 00 0 1 .. .1 0 0 0 1 .. .1 0 0 00 00 01 10 00 00 01 10 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 Hardware Reset Channel Reset WR0 WR1 WR2 WR3 WR4 WR5 WR6 WR7 WR9 WR10 WR11 WR12 WR13 WR14 WR15 RR0 RR1 RR3 RR10 .. .. .. . .. .. . . . .. .. .. . .. .. .. .. .. .. .. . .. .. . . . .. .. .. .. .. .. .. .. .. .. .. .. .. .. . .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. Figure 2–4. SCC Register Reset Values |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |