Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM85C30 Datasheet(PDF) 104 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 104 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 100Page - Advanced Micro Devices AM85C30 Datasheet HTML 101Page - Advanced Micro Devices AM85C30 Datasheet HTML 102Page - Advanced Micro Devices AM85C30 Datasheet HTML 103Page - Advanced Micro Devices AM85C30 Datasheet HTML 104Page - Advanced Micro Devices AM85C30 Datasheet HTML 105Page - Advanced Micro Devices AM85C30 Datasheet HTML 106Page - Advanced Micro Devices AM85C30 Datasheet HTML 107Page - Advanced Micro Devices AM85C30 Datasheet HTML 108Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 194 page
background image
Support Circuitry Programming
AMD
5–10
5.4.3
FM1 (Biphase Mark)
In FM1 encoding, also known as biphase mark, a transition is present on every bit cell
boundary, and an additional transition may be present in the middle of the bit cell. In FM1,
a ‘0’ is sent as no transition in the center of the bit cell and a ‘1’ is sent as a transition in
the center of the bit cell. FM1 encoded data contains sufficient information to recover a
clock from the data.
5.4.4
FM0 (Biphase Space)
In FM0 encoding, also known as biphase space, a transition is present on every bit cell
boundary and an additional transition may be present in the middle of the bit cell. In FM0
a ‘1’ is sent as no transition in the center of the bit cell and a ‘0’ is sent as a transition in
the center of the bit cell. FM0 encoded data contains sufficient information to recover a
clock from the data.
5.4.5
Manchester Decoding
In addition to these four methods, the SCC can be used to decode Manchester (biphase
level) data using the DPLL in the FM mode and programming the receiver for NRZ data.
Manchester encoding always produces a transition at the center of the bit cell. If the tran-
sition is High-to-Low, the bit is a ‘1’; if the transition is Low-to-High, the bit is a ‘0’.
5.4.6
Data Encoding Programming
The data encoding method to be used should be selected in the initialization procedure
before the transmitter and receiver are enabled but no other restrictions apply. Note, in
Figure 5–4, that in NRZ and NRZI the receiver samples the data only on one edge. How-
ever, in FM1 and FM0, the receiver samples the data on both edges. Also, as shown in
Figure 5–4, the transmitter defines bit cell boundaries by one edge in all cases and uses
the other edge in FM1 and FM0 to create the mid-bit transition.
5.5
DIGITAL PHASE-LOCKED LOOP (DPLL)
The SCC contains a DPLL that can be used to recover clock information from a data
stream with NRZI or FM coding. The DPLL is driven by a clock that is nominally 32
(NRZI) or 16 (FM) times the data rate. The DPLL uses this clock, along with the data
stream, to construct a receive clock for the data. This clock can then be used as the re-
ceive clock, the transmit clock, or both.
Figure 5–5 shows a block diagram of the DPLL. It consists of a 5-bit counter, an edge
detector, and a pair of output decoders. The clock for the DPLL comes from the output of
a two-input multiplexer, and the two outputs go to the transmitter and receive clock multi-
plexers. The DPLL is controlled by seven commands that are encoded in bits D7, D6, and
D5 of WR14.
Edge Detector
RxD
Receive
Clock
Decode
Count Modifier
5-Bit Counter
Transmit
Clock
Decode
Figure 5–5. DPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com