Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM85C30 Datasheet(PDF) 110 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 110 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 106Page - Advanced Micro Devices AM85C30 Datasheet HTML 107Page - Advanced Micro Devices AM85C30 Datasheet HTML 108Page - Advanced Micro Devices AM85C30 Datasheet HTML 109Page - Advanced Micro Devices AM85C30 Datasheet HTML 110Page - Advanced Micro Devices AM85C30 Datasheet HTML 111Page - Advanced Micro Devices AM85C30 Datasheet HTML 112Page - Advanced Micro Devices AM85C30 Datasheet HTML 113Page - Advanced Micro Devices AM85C30 Datasheet HTML 114Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 194 page
background image
Support Circuitry Programming
AMD
5–16
5.6.1
Local Loopback
Local loopback is selected when bit D4 of WR14 is set to ‘1’. In this mode the output of
the transmitter is internally connected to the input of the receiver. At the same time the
TxD pin remains connected to the transmitter. In this mode the DCD pin is ignored as a
receiver enable and the
CTS pin is ignored as a transmitter enable even if the Auto En-
ables mode has been selected. Note that the DPLL input is connected to the
RxD pin, not
to the input of the receiver. This precludes the use of the DPLL in Local Loopback. Local
Loopback is shown schematically in Figure 5–10.
5.6.2
Auto Echo
Auto Echo is selected when bit D3 of WR14 is set to ‘1’. In this mode the
TxD pin is con-
nected directly to the
RxD pin, and the receiver input is connected to the RxD pin. In this
mode the
CTS pin is ignored as a transmitter enable and the output of the transmitter
does not connect to anything. If both the Local Loopback and Auto Echo bits are set to
‘1’, the Auto Echo mode will be selected, but both the
CTS pin and the DCD pin will be
ignored as auto enables. This, however, should not be considered a normal operating
mode. Auto Echo is shown schematically in Figure 5–11.
Receiver
Transmitter
TX Enable
RX Enable
DCD
CTS
RxD
TxD
N.C.
Local Loopback
Figure 5–10. Local Loopback
Receiver
Transmitter
TX Enable
RX Enable
DCD
CTS
RxD
TxD
Auto Echo
N.C.
Figure 5–11. Auto Echo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com