Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM85C30 Datasheet(PDF) 161 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 161 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 157Page - Advanced Micro Devices AM85C30 Datasheet HTML 158Page - Advanced Micro Devices AM85C30 Datasheet HTML 159Page - Advanced Micro Devices AM85C30 Datasheet HTML 160Page - Advanced Micro Devices AM85C30 Datasheet HTML 161Page - Advanced Micro Devices AM85C30 Datasheet HTML 162Page - Advanced Micro Devices AM85C30 Datasheet HTML 163Page - Advanced Micro Devices AM85C30 Datasheet HTML 164Page - Advanced Micro Devices AM85C30 Datasheet HTML 165Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 194 page
background image
SCC Application Notes
AMD
7–12
Table 7–6. SCC Initialization Order for Interrupt Driven Asynchronous Mode
Register
Value
Comments
WR9
C0H
Force Hardware Reset
WR4
4CH
x 16 clock, 2 stop bits, no parity
WR2
00H
Interrupt Vector 00
WR3
C0H
Rx 8 bits, Rx disabled
WR5
60H
Tx 8 bits, DTR, RTS, Tx off
WR9
00H
Int Disabled
WR10
00H
NRZ
WR11
56H
Tx & Rx = BRG out, TRxC = BRG out
WR12
06H
Time constant = 6
WR13
00H
Time constant high = 0
WR14
10H
BRG in = RTxC, BRG of, loopback
Enables
WR14
11H
BRG enable
WR3
C1H
Rx enable
WR5
68H
Tx enable
Enable Interrupts
WR1
12H
Rx Int on all char and Tx Int enables
WR9
08H
MIE
7.3.3.1
SCC Operating Modes Programming
WR9 resets SCC to a known state by writing a C0 hex. This command, Force Hardware
Reset, is identical to a hardware reset. It will reset both channels.
WR4 selects asynchronous mode, x16 mode, 2 stop bits and no parity. The x16 mode
means that the clock rate is 16 times the data rate.
WR2 is the interrupt vector of the SCC. Even though a vector is not placed in the bus in
this mode the vector including status is read from RR2. By writing 00H to this register the
status read will be the only bits set in RR2.
WR3 selects 8 bits per character and does not enable the receiver. The 8 bits per charac-
ter allows 8 bits to be assembled from the data stream. The receiver is not enabled at this
time because the SCC is not completely initialized.
WR5 selects 8 bits per character and does not enable the transmitter. The 8 bits per char-
acter allows 8 bits to be sent as data with the least significant bit first. The transmitter is
not enabled at this time because the SCC is not completely initialized.
WR9 selects that there are no interrupts enabled. This will inhibit the SCC from request-
ing an interrupt from the CPU.
WR10 selects NRZ encoding. This selects NRZ coding that is to be used on the transmit-
ter and the receiver.
WR11 selects the
RTxC pin to TTL clock, the transmit and receive clocks source as the
baud-rate generator and the
TRxC pin as a baud-rate generator output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com