Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM85C30 Datasheet(PDF) 182 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 182 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 178Page - Advanced Micro Devices AM85C30 Datasheet HTML 179Page - Advanced Micro Devices AM85C30 Datasheet HTML 180Page - Advanced Micro Devices AM85C30 Datasheet HTML 181Page - Advanced Micro Devices AM85C30 Datasheet HTML 182Page - Advanced Micro Devices AM85C30 Datasheet HTML 183Page - Advanced Micro Devices AM85C30 Datasheet HTML 184Page - Advanced Micro Devices AM85C30 Datasheet HTML 185Page - Advanced Micro Devices AM85C30 Datasheet HTML 186Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 194 page
background image
SCC Application Notes
AMD
7–33
Similarly, on the receive side, bit D0 of Read Register 0 is monitored to determine a re-
ceive character available condition. This bit is reset if the receive FIFO is completely
empty. Address line AD1 selects either synchronous or asynchronous data transfers.
Hence, before transmission, the user can select whether the data transfer is over a 1 Mb/
s-network to similar PCs, or over a slower link to a printer.
SUMMARY
The Am8530H can be software-manipulated to perform at a higher degree of sophistica-
tion without any change in hardware connections.
Changing or adding to the software does not affect the Am7960 operation. Hence, the
Am7960 provides an easy upgrade (high-speed, greater distance, common-mode isola-
tion) for most modern modem circuits that use RS-422 drivers and receivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com