Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F417IE Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32F417IE
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F417IE Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32F417IE Datasheet HTML 84Page - STMicroelectronics STM32F417IE Datasheet HTML 85Page - STMicroelectronics STM32F417IE Datasheet HTML 86Page - STMicroelectronics STM32F417IE Datasheet HTML 87Page - STMicroelectronics STM32F417IE Datasheet HTML 88Page - STMicroelectronics STM32F417IE Datasheet HTML 89Page - STMicroelectronics STM32F417IE Datasheet HTML 90Page - STMicroelectronics STM32F417IE Datasheet HTML 91Page - STMicroelectronics STM32F417IE Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 186 page
background image
Electrical characteristics
STM32F415xx, STM32F417xx
88/186
DocID022063 Rev 4
Table 22. Typical and maximum current consumption in Sleep mode
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply current in
Sleep mode
External clock(2),
all peripherals enabled(3)
168 MHz
59
77
84
mA
144 MHz
46
61
67
120 MHz
38
53
60
90 MHz
30
44
51
60 MHz
20
34
41
30 MHz
11
24
31
25 MHz
8
21
28
16 MHz
6
18
25
8 MHz
3
16
23
4 MHz
2
15
22
2 MHz
2
14
21
External clock(2), all
peripherals disabled
168 MHz
12
27
35
144 MHz
9
22
29
120 MHz
8
20
28
90 MHz
7
19
26
60 MHz
5
17
24
30 MHz
3
16
23
25 MHz
2
15
22
16 MHz
2
14
21
8 MHz
1
14
21
4 MHz
1
13
21
2 MHz
1
13
21
1. Based on characterization, tested in production at VDD max and fHCLK max with peripherals enabled.
2. External clock is 4 MHz and PLL is on when fHCLK > 25 MHz.
3. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only
while the ADC is ON (ADON bit is set in the ADC_CR2 register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com