Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F417IE Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32F417IE
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F417IE Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32F417IE Datasheet HTML 10Page - STMicroelectronics STM32F417IE Datasheet HTML 11Page - STMicroelectronics STM32F417IE Datasheet HTML 12Page - STMicroelectronics STM32F417IE Datasheet HTML 13Page - STMicroelectronics STM32F417IE Datasheet HTML 14Page - STMicroelectronics STM32F417IE Datasheet HTML 15Page - STMicroelectronics STM32F417IE Datasheet HTML 16Page - STMicroelectronics STM32F417IE Datasheet HTML 17Page - STMicroelectronics STM32F417IE Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 186 page
background image
Communicatio
n interfaces
SPI / I2S
3/2 (full duplex)(2)
I2C
3
USART/UART
4/2
USB OTG FS
Yes
USB OTG HS
Yes
CAN
2
SDIO
Yes
Camera interface
No
Yes
Cryptography
Yes
GPIOs
51
72
82
114
82
114
140
12-bit ADC
Number of channels
3
16
13
16
24
16
24
24
12-bit DAC
Number of channels
Yes
2
Maximum CPU frequency
168 MHz
Operating voltage
1.8 to 3.6 V(3)
Operating temperatures
Ambient temperatures: –40 to +85 °C /–40 to +105 °C
Junction temperature: –40 to + 125 °C
Package
LQFP64
WLCSP90
LQFP100
LQFP144
LQFP100
LQFP144
UFBGA176
LQFP176
1. For the LQFP100 and WLCSP90 packages, only FSMC Bank1 or Bank2 are available. Bank1 can only support a multiplexed NOR/PSRAM memory using the NE1 Chip
Select. Bank2 can only support a 16- or 8-bit NAND Flash memory using the NCE2 Chip Select. The interrupt line cannot be used since Port G is not available in this
package.
2. The SPI2 and SPI3 interfaces give the flexibility to work in an exclusive way in either the SPI mode or the I2S audio mode.
3. VDD/VDDA minimum value of 1.7 V is obtained when the device operates in reduced temperature range, and with the use of an external power supply supervisor (refer to
Section : Internal reset OFF).
Table 2. STM32F415xx and STM32F417xx: features and peripheral counts
Peripherals
STM32F415RG STM32F415OG STM32F415VG STM32F415ZG STM32F417Vx
STM32F417Zx
STM32F417Ix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com