Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F417IE Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32F417IE
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F417IE Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32F417IE Datasheet HTML 91Page - STMicroelectronics STM32F417IE Datasheet HTML 92Page - STMicroelectronics STM32F417IE Datasheet HTML 93Page - STMicroelectronics STM32F417IE Datasheet HTML 94Page - STMicroelectronics STM32F417IE Datasheet HTML 95Page - STMicroelectronics STM32F417IE Datasheet HTML 96Page - STMicroelectronics STM32F417IE Datasheet HTML 97Page - STMicroelectronics STM32F417IE Datasheet HTML 98Page - STMicroelectronics STM32F417IE Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 186 page
background image
DocID022063 Rev 4
95/186
STM32F415xx, STM32F417xx
Electrical characteristics
AHB2
RNG
0.29
0.23
mA
HASH
1.71
1.31
CRYPTO
0.41
0.31
AHB3
FSMC
2.18
1.67
mA
APB1
TIM2
0.80
0.61
TIM3
0.58
0.44
TIM4
0.62
0.48
TIM5
0.79
0.61
TIM6
0.15
0.11
TIM7
0.16
0.12
TIM12
0.33
0.26
TIM13
0.27
0.21
TIM14
0.27
0.21
PWR
0.04
0.03
USART2
0.17
0.13
USART3
0.17
0.13
UART4
0.17
0.13
UART5
0.17
0.13
I2C1
0.17
0.13
I2C2
0.18
0.13
I2C3
0.18
0.13
SPI2/I2S2(2)
0.17/0.16
0.13/0.12
SPI3/I2S3(2)
0.16/0.14
0.12/0.12
CAN1
0.27
0.21
CAN2
0.26
0.20
DAC
0.14
0.10
DAC channel 1(3)
0.91
0.89
DAC channel 2(4)
0.91
0.89
DAC channel 1 and
2(3)(4)
1.69
1.68
WWDG
0.04
0.04
Table 27. Peripheral current consumption (continued)
Peripheral(1)
168 MHz
144 MHz
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com