Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F417IE Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32F417IE
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F417IE Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32F417IE Datasheet HTML 96Page - STMicroelectronics STM32F417IE Datasheet HTML 97Page - STMicroelectronics STM32F417IE Datasheet HTML 98Page - STMicroelectronics STM32F417IE Datasheet HTML 99Page - STMicroelectronics STM32F417IE Datasheet HTML 100Page - STMicroelectronics STM32F417IE Datasheet HTML 101Page - STMicroelectronics STM32F417IE Datasheet HTML 102Page - STMicroelectronics STM32F417IE Datasheet HTML 103Page - STMicroelectronics STM32F417IE Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 186 page
background image
Electrical characteristics
STM32F415xx, STM32F417xx
100/186
DocID022063 Rev 4
Note:
For information on electing the crystal, refer to the application note AN2867 “Oscillator
design guide for ST microcontrollers” available from the ST website www.st.com.
Figure 33. Typical application with a 32.768 kHz crystal
5.3.9
Internal clock source characteristics
The parameters given in Table 33 and Table 34 are derived from tests performed under
ambient temperature and VDD supply voltage conditions summarized in Table 14.
High-speed internal (HSI) RC oscillator
Table 32. LSE oscillator characteristics (fLSE = 32.768 kHz) (1)
1. Guaranteed by design, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RF
Feedback resistor
-
18.4
-
M
Ω
IDD
LSE current consumption
-
-
1
µA
gm
Oscillator Transconductance
2.8
-
-
µA/V
tSU(LSE)(2)
2. tSU(LSE) is the startup time measured from the moment it is enabled (by software) to a stabilized
32.768 kHz oscillation is reached. This value is measured for a standard crystal resonator and it can vary
significantly with the crystal manufacturer
startup time
VDD is stabilized
-
2
-
s
ai17531
OSC32_OU T
OSC32_IN
fLSE
CL1
RF
STM32F
32.768 kH z
resonator
Resonator with
integrated capacitors
Bias
controlled
gain
CL2
Table 33. HSI oscillator characteristics (1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
-
16
-
MHz
ACCHSI
Accuracy of the HSI
oscillator
User-trimmed with the RCC_CR
register
--
1
%
Factory-
calibrated
TA = –40 to
105 °C(2)
–8
-
4.5
%
TA = –10 to 85 °C(2)
–4
-
4
%
TA = 25 °C
–1
-
1
%
tsu(HSI)(3)
HSI oscillator
startup time
-2.2
4
µs
IDD(HSI)
HSI oscillator
power consumption
-60
80
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com