Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F417IE Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32F417IE
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F417IE Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32F417IE Datasheet HTML 97Page - STMicroelectronics STM32F417IE Datasheet HTML 98Page - STMicroelectronics STM32F417IE Datasheet HTML 99Page - STMicroelectronics STM32F417IE Datasheet HTML 100Page - STMicroelectronics STM32F417IE Datasheet HTML 101Page - STMicroelectronics STM32F417IE Datasheet HTML 102Page - STMicroelectronics STM32F417IE Datasheet HTML 103Page - STMicroelectronics STM32F417IE Datasheet HTML 104Page - STMicroelectronics STM32F417IE Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 186 page
background image
DocID022063 Rev 4
101/186
STM32F415xx, STM32F417xx
Electrical characteristics
Low-speed internal (LSI) RC oscillator
Figure 34. ACCLSI versus temperature
5.3.10
PLL characteristics
The parameters given in Table 35 and Table 36 are derived from tests performed under
temperature and VDD supply voltage conditions summarized in Table 14.
1. VDD = 3.3 V, TA = –40 to 105 °C unless otherwise specified.
2. Based on characterization, not tested in production.
3. Guaranteed by design, not tested in production.
Table 34. LSI oscillator characteristics (1)
1. VDD = 3 V, TA = –40 to 105 °C unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
fLSI(2)
2. Based on characterization, not tested in production.
Frequency
17
32
47
kHz
tsu(LSI)(3)
3. Guaranteed by design, not tested in production.
LSI oscillator startup time
-
15
40
µs
IDD(LSI)(3)
LSI oscillator power consumption
-
0.4
0.6
µA
MS19013V1
-40
-30
-20
-10
0
10
20
30
40
50
-45
-35
-25
-15
-5
5
152535455565758595
105
Temperat ure (°C)
max
avg
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com