Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F417IE Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32F417IE
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F417IE Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32F417IE Datasheet HTML 90Page - STMicroelectronics STM32F417IE Datasheet HTML 91Page - STMicroelectronics STM32F417IE Datasheet HTML 92Page - STMicroelectronics STM32F417IE Datasheet HTML 93Page - STMicroelectronics STM32F417IE Datasheet HTML 94Page - STMicroelectronics STM32F417IE Datasheet HTML 95Page - STMicroelectronics STM32F417IE Datasheet HTML 96Page - STMicroelectronics STM32F417IE Datasheet HTML 97Page - STMicroelectronics STM32F417IE Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 186 page
background image
Electrical characteristics
STM32F415xx, STM32F417xx
94/186
DocID022063 Rev 4
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 27. The MCU is placed
under the following conditions:
•
At startup, all I/O pins are configured as analog pins by firmware.
•
All peripherals are disabled unless otherwise mentioned
•
The code is running from Flash memory and the Flash memory access time is equal to
5 wait states at 168 MHz.
•
The code is running from Flash memory and the Flash memory access time is equal to
4 wait states at 144 MHz, and the power scale mode is set to 2.
•
ART accelerator and Cache off.
•
The given value is calculated by measuring the difference of current consumption
–
with all peripherals clocked off
–
with one peripheral clocked on (with only the clock applied)
•
When the peripherals are enabled: HCLK is the system clock, fPCLK1 = fHCLK/4, and
fPCLK2 =fHCLK/2.
•
The typical values are obtained for VDD = 3.3 V and TA= 25 °C, unless otherwise
specified.
Table 27. Peripheral current consumption
Peripheral(1)
168 MHz
144 MHz
Unit
AHB1
GPIO A
0.49
0.36
mA
GPIO B
0.45
0.33
GPIO C
0.45
0.34
GPIO D
0.45
0.34
GPIO E
0.47
0.35
GPIO F
0.45
0.33
GPIO G
0.44
0.33
GPIO H
0.45
0.34
GPIO I
0.44
0.33
OTG_HS + ULPI
4.57
3.55
CRC
0.07
0.06
BKPSRAM
0.11
0.08
DMA1
6.15
4.75
DMA2
6.24
4.8
ETH_MAC +
ETH_MAC_TX
ETH_MAC_RX
ETH_MAC_PTP
3.28
2.54
AHB2
OTG_FS
4.59
3.69
mA
DCMI
1.04
0.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com