Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F417IE Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32F417IE
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F417IE Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32F417IE Datasheet HTML 89Page - STMicroelectronics STM32F417IE Datasheet HTML 90Page - STMicroelectronics STM32F417IE Datasheet HTML 91Page - STMicroelectronics STM32F417IE Datasheet HTML 92Page - STMicroelectronics STM32F417IE Datasheet HTML 93Page - STMicroelectronics STM32F417IE Datasheet HTML 94Page - STMicroelectronics STM32F417IE Datasheet HTML 95Page - STMicroelectronics STM32F417IE Datasheet HTML 96Page - STMicroelectronics STM32F417IE Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 186 page
background image
DocID022063 Rev 4
93/186
STM32F415xx, STM32F417xx
Electrical characteristics
Table 26. Switching output I/O current consumption
Symbol
Parameter
Conditions(1)
I/O toggling
frequency (fSW)
Typ
Unit
IDDIO
I/O switching
current
VDD = 3.3 V(2)
C = CINT
2 MHz
0.02
mA
8 MHz
0.14
25 MHz
0.51
50 MHz
0.86
60 MHz
1.30
VDD = 3.3 V
CEXT = 0 pF
C = CINT + CEXT+ CS
2 MHz
0.10
8 MHz
0.38
25 MHz
1.18
50 MHz
2.47
60 MHz
2.86
VDD = 3.3 V
CEXT = 10 pF
C = CINT + CEXT+ CS
2 MHz
0.17
8 MHz
0.66
25 MHz
1.70
50 MHz
2.65
60 MHz
3.48
VDD = 3.3 V
CEXT = 22 pF
C = CINT + CEXT+ CS
2 MHz
0.23
8 MHz
0.95
25 MHz
3.20
50 MHz
4.69
60 MHz
8.06
VDD = 3.3 V
CEXT = 33 pF
C = CINT + CEXT+ CS
2 MHz
0.30
8 MHz
1.22
25 MHz
3.90
50 MHz
8.82
60 MHz
-(3)
1. CS is the PCB board capacitance including the pad pin. CS = 7 pF (estimated value).
2. This test is performed by cutting the LQFP package pin (pad removal).
3. At 60 MHz, C maximum load is specified 30 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com