Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F417IE Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32F417IE
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F417IE Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32F417IE Datasheet HTML 100Page - STMicroelectronics STM32F417IE Datasheet HTML 101Page - STMicroelectronics STM32F417IE Datasheet HTML 102Page - STMicroelectronics STM32F417IE Datasheet HTML 103Page - STMicroelectronics STM32F417IE Datasheet HTML 104Page - STMicroelectronics STM32F417IE Datasheet HTML 105Page - STMicroelectronics STM32F417IE Datasheet HTML 106Page - STMicroelectronics STM32F417IE Datasheet HTML 107Page - STMicroelectronics STM32F417IE Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 186 page
background image
Electrical characteristics
STM32F415xx, STM32F417xx
104/186
DocID022063 Rev 4
Equation 2
Equation 2 allows to calculate the increment step (INCSTEP):
fVCO_OUT must be expressed in MHz.
With a modulation depth (md) =
±2 % (4 % peak to peak), and PLLN = 240 (in MHz):
An amplitude quantization error may be generated because the linear modulation profile is
obtained by taking the quantized values (rounded to the nearest integer) of MODPER and
INCSTEP. As a result, the achieved modulation depth is quantized. The percentage
quantized modulation depth is given by the following formula:
As a result:
Figure 35 and Figure 36 show the main PLL output clock waveforms in center spread and
down spread modes, where:
F0 is fPLL_OUT nominal.
Tmode is the modulation period.
md is the modulation depth.
Figure 35. PLL output clock waveforms in center spread mode
INCSTEP
round
2
15
1
–
() md PLLN
×
×
() 100 5
×
MODEPER
×
()
⁄
[]
=
INCSTEP
round
2
15
1
–
() 2 240
×
×
() 100 5
×
250
×
()
⁄
[]
126md(quantitazed)%
==
mdquantized%
MODEPER INCSTEP
×
100
×
5
×
()
2
15
1
–
() PLLN
×
()
⁄
=
mdquantized%250 126
×
100
×
5
×
()
2
15
1
–
() 240
×
()
⁄
2.002%(peak)
==
Frequency (PLL_OUT)
Time
F0
tmode
md
ai17291
md
2 x tmode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com