Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3080 Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # ADNS-3080
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3080 Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button ADNS-3080 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
Figure 8. Schematic Diagram for USB, PS/2 mouse application with ADNS-3080
Notes
•
Caps for pins 15 and 17 MUST have trace lengths LESS than 5 mm to nearest ground pin.
•
Pins 15 and 17 caps MUST use pin 16 GND.
•
Pin 9, if used, should not be connected to PCB GND to reduce potential RF emissions.
•
The 0.1 uF caps must be ceramic.
•
Caps should have less than 5 nH of self inductance.
•
Caps should have less than 0.2 Ω ESR.
•
NC pins should not be connected to any traces.
•
Surface mount parts are recommended.
•
Care must be taken when interfacing a 5V microcontroller to the ADNS-3080. Serial port inputs on the sensor should be connected to open-
drain outputs from the microcontroller or use an active drive level shifter. NPD and RESET should be connected to 5V microcontroller outputs
through a resistor divider or other level shifting technique.
•
VDD3 and GND should have low impedance connections to the power supply.
•
Capacitors connected to pin 15 and 17 should be connected to pin 16 and then to pin 19.
0.1
uF
14
10
Vcc
Vpp
9
VSS
Ceramic Resonator
Murata
CSALS 24 M 0X 53 -B 0
TDK FCR 24. 0 M 2G
17
5
V DD
LED_CTRL
SURFACE
Internal
Image
Sensor
ADNS
2120
Lens
HLMP-EG3E-xxxxx
24 MHz
8
10
OSC_OUT
OSC_IN
15
GND
24
P0.5*
3
P0.4*
4
6
MOSI
RESET
P0.2
23
1.3 K
Ω
16
15
D -
D +
Vreg
11
P1.7
P1.5
P1.4
17
18
7
Vcc
D +
D -
GND
SHLD
6 MHz
12
13
XTALIN
XTALOUT
(Optional)
6
5
P1.2
P1.0
Buttons
L
M
V DD
19
16 GND
REFB
14
P0.3
7
NPD
4
P0.7*
3
SCLK
21
P0.6
2
MISO
22
9
GUARD
11
18
20
P1.1
R
20K
Ω
20K
Ω
1
NCS
LP2950ACZ-3.3
13
REFC
2.2
uF
187
Ω
1/8 W
Vcc
Vo 3.3V
12
OPTP
20
10 K
Ω
10 K
Ω
Vcc
Vcc
QA
QB
ALPS
EC10E
Scroll Wheel
Encoder
1
2
3
20k
Ω
20k
Ω
0.1uF
4.7uF
0.1uF
Vin
Vo
GND
2
4.7uF
+
0.1uF
31
BS170
+
+
Notes:
- All capacitors close to chip
- 24MHz and 6MHz oscillators close to chip
- * Outputs configured as open drain
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
High-Performance Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com