Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3080 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # ADNS-3080
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3080 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button ADNS-3080 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Storage Temperature
TS
-40
85
oC
Operating Temperature
TA
-15
55
oC
Lead Solder Temp
260
oC
For 10 seconds,
1.6mm below seating plane.
Supply Voltage
VDD3
-0.5
3.7
V
ESD
2
kV
All pins, human body model
MIL 883 Method 3015
Input Voltage
VIN
-0.5
VDD3+0.5
V
NPD, NCS, MOSI, SCLK, RESET,
OSC_IN, OSC_OUT, REFC.
Output current
Iout
20
mA
LED_CTRL, MISO
Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Operating Temperature
TA
040
°C
Power supply voltage
VDD3B
3.10
3.30
3.60
Volts
Power supply rise time
VRT
1
us
0 to 3.0V
Supply noise
(Sinusoidal)
VNB
30
80
mV p-p
10kHz- 300KHZ
300KHz-50MHz
Oscillator capable
Frequency
fCLK
23
24
25
MHz
Set by ceramic resonator
Serial Port Clock
Frequency
fSCLK
2
500
MHz
kHz
Active drive, 50% duty cycle
Open drain drive with pull-ups on,
50 pF load
Resonator Impedance
XRES
55
W
Distance from lens
reference plane to
surface
Z
2.3
2.4
2.5
mm
Results in ±0.2 mm DOF,
See drawing below
Speed
S
0
40
in/sec
@ 6469fps
Acceleration
A
15
g
@ 6469fps
Light level onto IC
IRRINC
20
24
100
120
6,000
7,200
6,000
7,200
mW/m2
l = 639 nm, FR=1500 fps
l = 875 nm, FR=1500 fps
l = 639 nm, FR=6469 fps
l = 875 nm, FR=6469 fps
Frame Rate
FR
2000
6469
Frames/s
See Frame_Period register section
LED Drive Current
ILED
10
mA
HLMP-EG3E-xxxxx, bin N and
brighter.
Maximum frame rate may not be
maintained on dark surfaces at the
minimum LED drive current
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
High-Performance Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com