Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3080 Datasheet(PDF) 35 Page - Pixart Imaging Inc.

Part # ADNS-3080
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3080 Datasheet(HTML) 35 Page - Pixart Imaging Inc.

Back Button ADNS-3080 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 36Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 37Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 38Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
35
Frame_Period_Min_Bound_Lower
Address: 0x1B
Access: Read/Write
Reset Value: 0xAC (before SROM download)
0x7E (after SROM download)
Frame_Period_Min_Bound_Upper
Address: 0x1C
Access: Read/Write
Reset Value: 0x0D (before SROM download)
0x0E (after SROM download)
Bit
7
6
5
4
3
2
1
0
Field
FBm7
FBm6
FBm5
FBm4
FBm3
FBm2
FBm1
FBm0
Data Type: 16-bit unsigned integer.
USAGE: This value sets the minimum frame period (the MAXIMUM frame rate) that may be selected by the automatic
frame rate control. Units are clock cycles. The formula is
Frame Rate = Clock Rate / Register value
To read from the registers, read Upper first followed by Lower. To write to the registers, write Lower first, followed by
Upper, then execute a write to the Frame_Period_Max_Bound_Upper and Lower registers. The minimum allowed write
value is 0x7E0E; the maximum is 0xFFFF.
Reading this register will return the most recent value that was written to it. However, the value will take effect only
after a write to the Frame_Period_Max_Bound_Upper and Lower registers. After writing to Frame_Period_Max_
Bound_Upper, wait at least two frame times before writing to Frame_Period_Min_Bound_Upper or Lower again. The
“Busy” bit in the Extended_Config register may be used in lieu of a timer to determine when it is safe to write. See the
Extended_Config register for more details.
In addition, the three bound registers must also follow this rule when set to non-default values:
Frame_Period_Max_Bound ≥ Frame_Period_Min_Bound + Shutter_Max_Bound.
Bit
7654
32
1
0
Field
FBm15
FBm14
FBm13
FBm12
FBm11
FBm10
FBm9
FBm8
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com