Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3080 Datasheet(PDF) 24 Page - Pixart Imaging Inc.

Part # ADNS-3080
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3080 Datasheet(HTML) 24 Page - Pixart Imaging Inc.

Back Button ADNS-3080 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 28Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
24
Product_ID
Address: 0x00
Access: Read
Reset Value: 0x17
Data Type: 8-Bit unsigned integer
USAGE: This register contains a unique identification assigned to the ADNS-3080. The value in this register does not
change; it can be used to verify that the serial communications link is functional.
Revision_ID
Address: 0x01
Access: Read
Reset Value: 0xNN
Data Type: 8-Bit unsigned integer.
USAGE: This register contains the IC revision. It is subject to change when new IC versions are released.
NOTE: The downloaded SROM firmware revision is a separate value and is available in the SROM_ID register.
Motion
Address: 0x02
Access: Read
Reset Value: 0x00
Data Type: Bit field.
USAGE: Register 0x02 allows the user to determine if motion has occurred since the last time it was read. If so, then
the user should read registers 0x03 and 0x04 to get the accumulated motion. It also tells if the motion buffers have
overflowed, and the current resolution setting.
Bit
76543210
Field
PID7
PID6
PID5
PID4
PID3
PID2
PID1
PID0
Bit
76543210
Field
RID7
RID6
RID5
RID4
RID3
RID2
RID1
RID0
Bit
7
6
5
4
3
2
1
0
Field
MOT
Reserved
Reserved
OVF
Reserved
Reserved
Reserved
RES
Field Name
Description
MOT
Motion since last report or PD
0 = No motion
1 = Motion occurred, data ready for reading in Delta_X and Delta_Y registers
Reserved
Reserved
Reserved
Reserved
OVF
Motion overflow, Delta_Y and/or Delta_X buffer has overflowed since last report
0 = no overflow
1 = Overflow has occurred
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
RES
Resolution in counts per inch
0 = 400
1 = 1600
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com