Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3080 Datasheet(PDF) 31 Page - Pixart Imaging Inc.

Part # ADNS-3080
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3080 Datasheet(HTML) 31 Page - Pixart Imaging Inc.

Back Button ADNS-3080 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 35Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
31
Figure 28. Mean shutter vs. Z (white paper)
The maximum value of the shutter is dependent upon the setting in the Shutter_Max_Bound_Upper and Shutter_
Max_Bound_Lower registers.
Shutter_Lower
Address: 0x0e
Access: Read
Reset Value: 0x85
Shutter_Upper
Address: 0x0f
Access: Read
Reset Value: 0x00
Data Type: Sixteen bit unsigned integer.
USAGE: Units are clock cycles. Read Shutter_Upper first, then Shutter_Lower. They should be read consecutively. The
shutter is adjusted to keep the average and maximum pixel values within normal operating ranges. The shutter value
is checked and automatically adjusted to a new value if needed on every frame when operating in default mode.
When the shutter adjusts, it changes by ± 1/16 of the current value. The shutter value can be set manually by setting
the AGC mode to Disable using the Extended_Config register and writing to the Shutter_Maximum_Bound registers.
Because the automatic frame rate feature is related to shutter value. It may also be appropriate to enable the Fixed
Frame Rate mode using the Extended_Config register.
Shown below is a graph of 250 sequentially acquired shutter values, while the sensor was moved slowly over white
paper.
Bit
7
6
5
4
3
2
1
0
Field
S15
S14
S13
S12
S11
S10
S9
S8
Shutter_Lower
Address: 0x0e
Access: Read
Reset Value: 0x85
Bit
7
6
5
4
3
2
1
0
Field
S7
S6
S5
S4
S3
S2
S1
S0
Mean Shutter vs Z (White Paper)
Distance from Nominal Focus (mm)
0
20
40
60
80
100
120
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
Avg
Avg - 3sigma
Avg + 3sigma
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com