Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3080 Datasheet(PDF) 34 Page - Pixart Imaging Inc.

Part # ADNS-3080
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3080 Datasheet(HTML) 34 Page - Pixart Imaging Inc.

Back Button ADNS-3080 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 36Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 37Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 38Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
34
Bit
7
6
5
4
3
2
1
0
Field
FBm7
FBm6
FBm5
FBm4
FBm3
FBm2
FBm1
FBm0
Bit
7654
32
1
0
Field
FBm15
FBm14
FBm13
FBm12
FBm11
FBm10
FBm9
FBm8
Frame_Period_Max_Bound_Lower
Address: 0x19
Access: Read/Write
Reset Value: 0xE0
Frame_Period_Max_Bound_Upper
Address: 0x1A
Access: Read/Write
Reset Value: 0x2E
Data Type: 16-bit unsigned integer.
USAGE: This value sets the maximum frame period (the MINIMUM frame rate) which may be selected by the automatic
frame rate control, or sets the actual frame period when operating in manual mode. Units are clock cycles. The formula
is
Frame Rate = Clock Frequency / Register value
To read from the registers, read Upper first followed by Lower. To write to the registers, write Lower first, followed by
Upper. To set the frame rate manually, disable automatic frame rate mode via the Extended_Config register and write
the desired count value to these registers.
Writing to the Frame_Period_Max_Bound_Upper and Lower registers also activates any new values in the following
registers:
• Frame_Period_Max_Bound_Upper and Lower
• Frame_Period_Min_Bound_Upper and Lower
• Shutter_Max_Bound_Upper and Lower
Any data written to these registers will be saved but will not take effect until the write to the Frame_Period_Max_
Bound_Upper and Lower is complete. After writing to this register, two complete frame times are required to
implement the new settings. Writing to any of the above registers before the implementation is complete may put
the chip into an undefined state requiring a reset. The “Busy” bit in the Extended_Config register may be used in lieu
of a timer to determine when it is safe to write. See the Extended_Config register for more details.
The following table lists some Frame_Period values for popular frame rates (clock rate = 24MHz).
In addition, the three bound registers must also follow this rule when set to non-default values:
Frame_Period_Max_Bound ≥ Frame_Period_Min_Bound + Shutter_Max_Bound.
Frames/second
Counts
Frame_Period
Decimal
Hex
Upper
Lower
6469
3,710
OE7E
OE
7E
5000
4,800
12C0
12
C0
3000
8,000
1F40
1F
40
2000
12,000
2EE0
2E
E0
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com