Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 87 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 87 Page - ams AG

Back Button AS3911 Datasheet HTML 83Page - ams AG AS3911 Datasheet HTML 84Page - ams AG AS3911 Datasheet HTML 85Page - ams AG AS3911 Datasheet HTML 86Page - ams AG AS3911 Datasheet HTML 87Page - ams AG AS3911 Datasheet HTML 88Page - ams AG AS3911 Datasheet HTML 89Page - ams AG AS3911 Datasheet HTML 90Page - ams AG AS3911 Datasheet HTML 91Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 87
Appl icatio n I n f o rm a t i o n
Error and Wake-up Interrupt Register
Figure 73:
Error and Wake-up Interrupt Register
Note(s) and/or Footnote(s):
1. At power-up and after Set Default command, content of this register is set to 0
2. After Error and Wake-up Interrupt Register has been read, its content is set to 0
Address 19h: Error and Wake-up Interrupt Register
Type: R
Bit
Name
Default
Function
Comments
7
I_crc
CRC error
6I_par
Parity error
5
I_err2
Soft framing error
Framing error which does not
result in corrupted Rx data
4
I_err1
Hard framing error
Framing error which results in
corrupted Rx data
3I_wt
Wake-up interrupt
Timeout after execution of
Start Wake-up Timer
command
In case option with IRQ at
every timeout is selected
2I_wam
Wake-up interrupt due to
Amplitude Measurement
Result of Amplitude
Measurement was
Δam larger
than reference
1I_wph
Wake-up interrupt due to Phase
Measurement.
Result of Phase Measurement
was
Δpm larger than
reference
0
I_wcap
Wake-up interrupt due to
Capacitance Measurement
Result of Capacitance
Measurement was
Δcm larger
than reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com