Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 58 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 58 Page - ams AG

Back Button AS3911 Datasheet HTML 54Page - ams AG AS3911 Datasheet HTML 55Page - ams AG AS3911 Datasheet HTML 56Page - ams AG AS3911 Datasheet HTML 57Page - ams AG AS3911 Datasheet HTML 58Page - ams AG AS3911 Datasheet HTML 59Page - ams AG AS3911 Datasheet HTML 60Page - ams AG AS3911 Datasheet HTML 61Page - ams AG AS3911 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 149 page
background image
AS3911 – 58
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
The phase measurement result can be calculating using the
following formulas:
Duration time: 25 μs max.
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator frequency is stable.
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after
command execution is terminated.
Clear RSSI
The Receiver automatically clears the RSSI bits in the Receiver
State Display Register and starts to measure the RSSI of the
received signal when the signal rx_on is asserted. Since the RSSI
bits store peak value (peak-hold type) eventual variation of the
receiver input signal will not be followed (this may happen in
case of long message or test procedure). The direct command
Clear RSSI clears the RSSI bits in the Receiver State Display
Register, the RSSI measurement is restarted (in case of course
rx_on is still high).
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator frequency is stable.
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.
Transparent Mode
Enter in the Transparent mode. The Transparent mode is
entered on the rising edge of signal /SS and is maintained as
long as signal /SS is kept high. See “Transparent Mode” on
page 58 for more details.
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator frequency is stable.
Calibrate Capacitive Sensor
This command calibrates the Capacitive Sensor. See “Capacitive
Sensor” on page 14 for more details.
Duration time: 3 ms max.
This command is executed in case capacitive sensor automatic
calibration mode is set (all bits cs_mcal in the Capacitive Sensor
Control Registerare set to 0). In order to avoid interference with
Xtal oscillator and reader magnetic field it strongly
recommended to use this command in Power-down mode only.
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after
command execution is terminated.
[]
[]
[ ]
() (
)
{}
()
[] 0
:
180
150
255
*
2
/
3
*
6
/
1
180
/
deg
1
:
150
30
255
:
30
0
=
≥
≥
−
−
=
<
<
=
≤
≤
dec
result
dec
result
dec
result
φ
φ
φ
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com