Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 10 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 10 Page - ams AG

Back Button AS3911 Datasheet HTML 6Page - ams AG AS3911 Datasheet HTML 7Page - ams AG AS3911 Datasheet HTML 8Page - ams AG AS3911 Datasheet HTML 9Page - ams AG AS3911 Datasheet HTML 10Page - ams AG AS3911 Datasheet HTML 11Page - ams AG AS3911 Datasheet HTML 12Page - ams AG AS3911 Datasheet HTML 13Page - ams AG AS3911 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 149 page
background image
AS3911 – 10
ams Datasheet, Confidential: 2013-Oct [2-03]
E l ec t r i c al C h a r ac teri sti c s
IWU
Supply current in
Wake-up mode
3.6
6
μA
Register 00h set to 0Fh (no clock on
MCU_CLK), register 01h set to 80h (3V
supply mode), register 02h set to 04h
(enable Wake-up mode), register
03hset to 08h, register 31h set to 08h
(100ms timeout, IRQ at every timeout),
other registers in default state.
ICS
Capacitive sensor
supply current
1.1
2
mA
Register 00h set to 0Fh (no clock on
MCU_CLK), register 01h set to 80h (3V
supply mode), register 02h set to 00h,
analog test mode 14, other registers in
default state.
IRD
Supply current in
Ready mode
5.4
7.5
mA
Register 00h set to 0Fh (no clock on
MCU_CLK), register 01h set to C0h (3V
supply mode, disable VSP_D), register
02h set to 80h, register 03h set to 08h,
other registers in default state, short
VSP_A and VSP_D.
IAL
Supply current all
active
8.7
12.5
mA
Register 00h set to 0Fh, register 01h set
to C0h (3V supply mode, disable
VSP_D), register 02h set to E8h (one
channel Rx, enable Tx), register 03h set
to 08, register 0Bhset to 00, register 27h
set to FF (all RFO segments disabled),
other registers in default state, short
VSP_A and VSP_D.
ILP
Supply current all
active, low power
receiver mode
6.8
10
mA
Register 00h set to 0Fh, register 01h set
to C0h (3V supply mode, disable
VSP_D), register 02h set to E8h (one
channel Rx, enable Tx), register 03h set
to 08, register 0Bh set to 80 (low power
mode), register 27h set to FF (all RFO
segments disabled), other registers in
default state, short VSP_A and VSP_D.
Symbol
Parameter
Min
Typ
Max
Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com