Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 59 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 59 Page - ams AG

Back Button AS3911 Datasheet HTML 55Page - ams AG AS3911 Datasheet HTML 56Page - ams AG AS3911 Datasheet HTML 57Page - ams AG AS3911 Datasheet HTML 58Page - ams AG AS3911 Datasheet HTML 59Page - ams AG AS3911 Datasheet HTML 60Page - ams AG AS3911 Datasheet HTML 61Page - ams AG AS3911 Datasheet HTML 62Page - ams AG AS3911 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 59
Appl icatio n I n f o rm a t i o n
Measure Capacitance
This command performs the capacitance measurement. See
“Capacitive Sensor” on page 14 for more details.
Duration time: 250 μs max.
In order to avoid interference with Xtal oscillator and reader
magnetic field it strongly recommended to use this command
in Power-down mode only.
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after
command execution is terminated.
Measure Power Supply
This command performs the power supply measurement.
Configuration bits mpsv1 and mpsv0 of the Regulator Voltage
Control Register define which power supply is measured (VDD,
VSP_A, VSP_D and VSP_RF can be measured). Result of
measurement is stored in the A/D Converter Output Register.
During the measurement the selected supply input is
connected to a 1/3 resistive divider output of which is
multiplexed to A/D converter in absolute mode. Due to 1/3
division one LSB represents 23.438 mV.
Duration time: 25 μs max.
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator frequency is stable.
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after
command execution is terminated.
Start Timers
See “Timers” on page 29.
Registers
The 6-bit register addresses below are defined in the
hexadecimal notation. The possible address range is from 00h
to 3Fh.
There are two types of registers implemented in the AS3911:
configuration registers and display registers. The configuration
registers are used to configure the AS3911. They can be written
and read through the SPI (RW). The display registers are read
only (RO); they contain information about the AS3911 internal
state.
Registries are set to their default state at power-up and after
sending direct command Set Default. The only exceptions are
the IO Configuration Register 1 and the IO Configuration
Register 2 which are only set to default state at power-up.
Configuration bits of these two registries are related to
hardware configuration which is in most cases not going to
change during the operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com